Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS72116ATP Datasheet(PDF) 2 Page - GSI Technology

Part # GS72116ATP
Description  128K x 16 2Mb Asynchronous SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS72116ATP Datasheet(HTML) 2 Page - GSI Technology

  GS72116ATP Datasheet HTML 1Page - GSI Technology GS72116ATP Datasheet HTML 2Page - GSI Technology GS72116ATP Datasheet HTML 3Page - GSI Technology GS72116ATP Datasheet HTML 4Page - GSI Technology GS72116ATP Datasheet HTML 5Page - GSI Technology GS72116ATP Datasheet HTML 6Page - GSI Technology GS72116ATP Datasheet HTML 7Page - GSI Technology GS72116ATP Datasheet HTML 8Page - GSI Technology GS72116ATP Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Rev: 1.04a 10/2002
2/18
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS72116ATP/J/T/U
44-Pin TQFP 128K x 16-Pin Configuration
Package T
Fine Pitch BGA 128K x 16-Bump Configuration
6 mm x 8 mm, 0.75 mm Bump Pitch
Top View
Package U
12
34
5
6
ALB
OE
A0
A1
A2
NC
BDQ16
UB
A3
A4
CE
DQ1
CDQ14 DQ15
A5
A6
DQ2
DQ3
D
VSS
DQ13
NC
A7
DQ4
VDD
E
VDD DQ12
NC
A16
DQ5
VSS
FDQ11 DQ10
A8
A9
DQ7
DQ6
GDQ9
NC
A10
A11
WE
DQ8
HNC
A12
A13
A14
A15
NC
A16 A15 A14 A13 A12 A11 A10 A9 OE UB LB
DQ15
DQ14
DQ13
VSS
VDD
DQ12
DQ11
DQ10
DQ9
NC
CE
DQ1
DQ2
DQ3
DQ4
VDD
VSS
DQ5
DQ6
DQ7
DQ8
DQ16
WE A0 A1 A2 A3 A4 NC A5 A6 A7 A8
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
44 43 42 41 40 39 38 37 36 35 34
12 13 14 15 16 17 18 19 20 21 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com