Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM-0505S/E Datasheet(PDF) 1 Page - Recom International Power

Part # RM-0505S/E
Description  0.25 Watt SIP4 Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RM-0505S/E Datasheet(HTML) 1 Page - Recom International Power

  RM-0505S/E Datasheet HTML 1Page - Recom International Power RM-0505S/E Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECONOLINE
DC/DC-Converter
with 3 year Warranty
RM/E
Selection Guide
0.25 Watt
SIP4
Single Output
Derating-Graph
(Ambient Temperature)
1 : 1 Input Range
0.25W SIP4 Package
Efficiency up to 82%
1kVDC and 2kVDC Isolation Option
Operating Temperature from -40°C to +100°C
Features
Unregulated
Converter
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
typ.
Capacitive
SMD
(VDC)
(VDC)
(mA)
(%)
Load(1)**
RM-3.305S/E*
3.3
5
50
80
1000µF
RM-0505S/E*
5
5
50
82
1000µF
RM-1205S/E*
12
5
50
78
1000µF
Other input and output voltage combinations available on request
*add Suffix „H“ for 2 kVDC Isolation, e.g. RM-3.305S/HE
Refer to Application Notes
Specifications (measured at TA = 25°C, nominal input voltage full load and after warm-up)
Input Voltage Range
±10% max.
Voltage set accuracy
100% Load/nominal Vin
-2% typ. / ±5% max.
Line Regulation
Low Line to High Line @ max. Load
1,2% typ.
Load Regulation
(10% to 100% Load)
4% typ. / 10% max.
Ripple & Noise @ 20MHz BW
RM-3.305S/E
35mVp-p typ. / 60mVp-p max.
others
35mVp-p typ. / 50mVp-p max.
Efficiency
100% Load
70% min.
Operating Temperature
-40°C to + 100°C
Storage Temperature
-55°C to +125°C
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute**)
500VAC / 60Hz
Isolation Voltage
H-Suffix (tested for 1 second)
2000VDC
H-Suffix (rated for 1 minute**)
1000VAC / 60 Hz
Isolation Capacitance
75PF max.
Isolation Resistance
Viso = 500V
10 G
Ω min.
Humidity
95% max.
Operating Frequency
Vin (nom.)
20kHz min. / 70 kHz max.
Short-Circuit Protection
1 Second
MTBF
Using MIL-HDBK 217F (+100°C)
1352 x 10³ hours
Using MIL-HDBK 217F (+25°C)
4494 x 10³ hours
Detailed Information see Application Notes chapter „MTBF“
Weight
1.4 g
Description The RM/E series DC/DC converter has been designed to offer exceptionally high
efficiency, low quiescent current and an extended operating temperature range.
Uses include battery powered supplies, high efficiency designs or high
temperature applications.
100
60
20
40
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
100
RoHS
2011/65/EU
6/6
**Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer to
our Application Notes.
Notes
Note1:
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1second without
damage to the converter.
REV: 0/2015
www.recom-power.com
E-4


Similar Part No. - RM-0505S/E

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RM-0505S RECOM-RM-0505S Datasheet
101Kb / 3P
0.25 Watt SIP4 & DIP8 Single Output
RM-0505S RECOM-RM-0505S Datasheet
100Kb / 3P
0.25 Watt SIP4 & DIP8 Single Output
RM-0505SHP RECOM-RM-0505SHP Datasheet
100Kb / 3P
0.25 Watt SIP4 & DIP8 Single Output
RM-0505SP RECOM-RM-0505SP Datasheet
100Kb / 3P
0.25 Watt SIP4 & DIP8 Single Output
More results

Similar Description - RM-0505S/E

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RM-1.81.8S RECOM-RM-1.81.8S Datasheet
101Kb / 3P
0.25 Watt SIP4 & DIP8 Single Output
RI-053.3S RECOM-RI-053.3S Datasheet
93Kb / 3P
2 Watt SIP4 Single Output
RM-1.81.8S RECOM-RM-1.81.8S_06 Datasheet
100Kb / 3P
0.25 Watt SIP4 & DIP8 Single Output
RM RECOM-RM_10 Datasheet
81Kb / 2P
0.25 Watt SIP4 Single Output
RO RECOM-RO_10 Datasheet
97Kb / 2P
1 Watt SIP4 Single Output
RI3-0505S RECOM-RI3-0505S Datasheet
330Kb / 5P
3 Watt SIP4 Single Output
RO-3.305S-E RECOM-RO-3.305S-E Datasheet
90Kb / 2P
1 Watt SIP4 Single Output
ROE-3.305S RECOM-ROE-3.305S Datasheet
300Kb / 4P
1 Watt SIP4 Single Output
ROL-0505S RECOM-ROL-0505S Datasheet
87Kb / 2P
0.5 Watt SIP4 Single Output
RFM RECOM-RFM Datasheet
444Kb / 4P
1 Watt SIP4 Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com