Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2201RCP Datasheet(PDF) 9 Page - Texas Instruments

Part # TLK2201RCP
Description  ETHERNET TRANSCEIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2201RCP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLK2201RCP Datasheet HTML 5Page - Texas Instruments TLK2201RCP Datasheet HTML 6Page - Texas Instruments TLK2201RCP Datasheet HTML 7Page - Texas Instruments TLK2201RCP Datasheet HTML 8Page - Texas Instruments TLK2201RCP Datasheet HTML 9Page - Texas Instruments TLK2201RCP Datasheet HTML 10Page - Texas Instruments TLK2201RCP Datasheet HTML 11Page - Texas Instruments TLK2201RCP Datasheet HTML 12Page - Texas Instruments TLK2201RCP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TLK2201, TLK2201I
ETHERNET TRANSCEIVERS
SLLS420C – JUNE 2000 – REVISED NOVEMBER 2001
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
SIGNAL (Continued)
RBCMODE
32
I
P/D†
Receive clock mode select. When RBCMODE and MODESEL are low, half-rate clocks are output on
RBC0 and RBC1. When MODESEL is low and RBCMODE is high, a full baud-rate clock is output on
RBC0 and RBC1 is held low. When MODESEL is high, RBCMODE is ignored and a full baud-rate clock is
output on RBC0 and RBC1 is held low.
SYNCEN
24
I
P/U‡
Synchronous function enable. When SYNCEN is high, the internal synchronization function is activated.
When this function is activated, the transceiver detects the K28.5 comma character (0011111 negative
beginning disparity) in the serial data stream and realigns data on byte boundaries if required. When
SYNCEN is low, serial input data is unframed in RD0 – RD9.
SYNC/PASS
47
O
Synchronous detect. The SYNC output is asserted high upon detection of the comma pattern in the serial
data path. SYNC pulses are output only when SYNCEN is activated (asserted high). In PRBS test mode
(PRBSEN=high), SYNC/PASS outputs the status of the PRBS test results (high=pass).
LOS
26
O
Loss of signal. Indicates a loss of signal on the high-speed differential inputs RXP and RXN.
If magnitude of RXP–RXN > 150 mV, LOS = 1, valid input signal
If magnitude of RXP–RXN < 150 mV and > 50 mV, LOS is undefined
If magnitude of RXP–RXN < 50 mV, LOS = 0, loss of signal
MODESEL
15
I
P/D†
Mode select. This terminal selects between the 10-bit interface and a reduced 5-bit DDR interface. When
low the 10-bit interface (TBI) is selected. When pulled high, the 5-bit DDR mode is selected. The default
mode is the TBI.
TEST
LOOPEN
19
I
P/D†
Loop enable. When LOOPEN is high (active), the internal loop-back path is activated. The transmitted
serial data is directly routed to the inputs of the receiver. This provides a self-test capability in conjunction
with the protocol device. The TXP and TXN outputs are held in a high-impedance state during the
loop-back test. LOOPEN is held low during standard operational state with external serial outputs and
inputs active.
TCK
49
I
Test clock. IEEE1149.1 (JTAG)
JTDI
48
I
P/U‡
Test data input. IEEE1149.1 (JTAG)
JTDO
27
O
Test data output. IEEE1149.1 (JTAG)
JTRSTN
56
I
P/U‡
Reset signal. IEEE1149.1 (JTAG)
JTMS
55
I
P/U‡
Test mode select. IEEE1149.1 (JTAG)
ENABLE
28
I
P/U‡
When this terminal is low, the device is disabled for Iddq testing. RD0 – RD9, RBCn, TXP, and TXN are
high impedance. The pullup and pulldown resistors on any input are disabled. When ENABLE is high, the
device operates normally.
PRBSEN
16
I
P/D†
PRBS enable. When PRBSEN is high, the PRBS generation circuitry is enabled. The PRBS verification
circuit in the receive side is also enabled. A PRBS signal can be fed to the receive inputs and checked for
errors, that are reported by the SYNC/PASS terminal indicating low.
TESTEN
17
I
P/D†
Manufacturing test terminal
POWER
VDD
5, 10, 20,
23, 29, 37,
42, 50, 63
Supply
Digital logic power. Provides power for all digital circuitry and digital I/O buffers.
VDDA
53, 57, 59,
60
Supply
Analog power. VDDA provides power for the high-speed analog circuits, receiver, and transmitter
VDDPLL
18
Supply
PLL power. Provides power for the PLL circuitry. This terminal requires additional filtering.
† P/D = Internal pulldown
‡ P/U = Internal pullup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com