Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RO-3.305S/EP Datasheet(PDF) 1 Page - Recom International Power

Part # RO-3.305S/EP
Description  1 Watt SIP4 Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RO-3.305S/EP Datasheet(HTML) 1 Page - Recom International Power

  RO-3.305S/EP Datasheet HTML 1Page - Recom International Power RO-3.305S/EP Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100
60
20
40
100
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
Derating-Graph
(Ambient Temperature)
Selection Guide
Part
Isolation
Input
Output
Output
Capacitive
Number
Voltage
Voltage
Voltage
Current
Efficiency
Load
SMD
(kVDC)
(VDC)
(VDC)
(mA)
(typ.)
(max.)
(1)
RO-3.305S/E*
1
3.3
5
200
83%
2200µF
RO-0505S/E*
1
5
5
200
84%
2200µF
RO-1205S/E*
1
12
5
200
84%
2200µF
RO-2405S/E*
1
24
5
200
81%
2200µF
* add Suffix “/H“ for 2kVDC Isolation Voltage - e.g. RO-3.305S/EH
* add Suffix “/P“ for Continuous Short Protection - e.g. RO-3.305S/EHP, RO-3.305S/EP
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Input Voltage Range
±10%
Output Voltage Accuracy
±5% max.
Line Voltage Regulation
low line to high line at full load
1.2% max.
Load Voltage Regulation
Load Deviation 10% to 100%
12% typ.
Output Ripple and Noise (20MHz BW)
50mVp-p typ., 100mVp-p max.
Operating Frequency (Vin=nominal input)
20kHz min. / 90kHz max.
Efficiency
see Selection Guide
Minimum Load = 0%
Specifications valid for 10% minimum load only
Isolation Voltage
(tested for 1 second)
1000 VDC
(rated for 1 minute**)
500VAC / 60Hz
Isolation Voltage
H-Suffix
(tested for 1 second)
2000 VDC
H-Suffix
(rated for 1 minute**)
1000VAC / 60Hz
Isolation Capacitance
75pF max.
Isolation Resistance
(Viso=500V)
10G
Ω min.
Short-Circuit Protection
1 second
Operating Temperature Range
-40°C to +100°C
Storage Temperature
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
1.4g
MTBF (+25°C)
using MIL-HDBK 217F
3459 x 10³ hours
MTBF (+100°C)
using MIL-HDBK 217F
756 x 10³ hours
1 Watt SIP4
Single Output
● High Efficiency up to 84%
● Low Deviation (10% ~ 100% Load)
● 1kVDC and 2kVDC Isolation Option
● Safety Certified
● -40°C to +100°C Operating Temperature Range
● 1W SIP4 Package
Features
Unregulated
Converters
UL-60950-1 Certified
RO/E
ECONOLINE
DC/DC-Converter
Refer to Application Notes
Description
The RO/E series is an unregulated DC/DC converter in standard SIP4 package style.
This series has been designed to offer exceptionally high efficiency at low loads, an
extended operating temperature range and low deviation (10% to 100% load).
Uses include applications with restricted energy budget and industrial applications
where a high efficiency level is required.
with 3 year Warranty
RoHS
2011/65/EU
6/6
} DetailedInformationsee
Application Notes chapter "MTBF"
**Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer to our
Application Notes.
Notes
Note 1: Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second
without damage to the converter.
E-358085
REV: 0/2015
E-39
www.recom-power.com


Similar Part No. - RO-3.305S/EP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RO-3.305S RECOM-RO-3.305S Datasheet
101Kb / 3P
1 Watt SIP4 & SIP7 Single Output
RO-3.305S RECOM-RO-3.305S Datasheet
99Kb / 3P
1 Watt SIP4 & SIP7 Single Output
RO-3.305S RECOM-RO-3.305S Datasheet
90Kb / 2P
High Efficiency up to 84%
RO-3.305SHP RECOM-RO-3.305SHP Datasheet
99Kb / 3P
1 Watt SIP4 & SIP7 Single Output
RO-3.305SP RECOM-RO-3.305SP Datasheet
101Kb / 3P
1 Watt SIP4 & SIP7 Single Output
More results

Similar Description - RO-3.305S/EP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RO-1.81.8S RECOM-RO-1.81.8S Datasheet
101Kb / 3P
1 Watt SIP4 & SIP7 Single Output
ROM RECOM-ROM Datasheet
97Kb / 3P
1 Watt SIP4 Micro Size Single Output
RI-053.3S RECOM-RI-053.3S Datasheet
93Kb / 3P
2 Watt SIP4 Single Output
RO-1.81.8S RECOM-RO-1.81.8S_06 Datasheet
99Kb / 3P
1 Watt SIP4 & SIP7 Single Output
ROM-1.81.8S RECOM-ROM-1.81.8S_06 Datasheet
91Kb / 3P
1 Watt SIP4 Micro Size Single Output
RO RECOM-RO_10 Datasheet
97Kb / 2P
1 Watt SIP4 Single Output
RI3-0505S RECOM-RI3-0505S Datasheet
330Kb / 5P
3 Watt SIP4 Single Output
RM-3.305S-E RECOM-RM-3.305S-E Datasheet
93Kb / 2P
0.25 Watt SIP4 Single Output
ROE-3.305S RECOM-ROE-3.305S Datasheet
300Kb / 4P
1 Watt SIP4 Single Output
RFM RECOM-RFM Datasheet
444Kb / 4P
1 Watt SIP4 Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com