Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP10-EW Datasheet(PDF) 5 Page - Recom International Power

Part # RP10-EW
Description  10 Watt Single & Dual Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP10-EW Datasheet(HTML) 5 Page - Recom International Power

  RP10-EW Datasheet HTML 1Page - Recom International Power RP10-EW Datasheet HTML 2Page - Recom International Power RP10-EW Datasheet HTML 3Page - Recom International Power RP10-EW Datasheet HTML 4Page - Recom International Power RP10-EW Datasheet HTML 5Page - Recom International Power RP10-EW Datasheet HTML 6Page - Recom International Power RP10-EW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP10-EW
Series
PD-5
REV.: 2/2016
www.recom-power.com
Notes:
Note12: The standard modues meet EMI Class A or Class B with external components, see filter suggestions below.
Note13: An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter
capacitor Recom suggests: Nippon chemi-con KY series, 220μF/100V
EMC Filtering Class A
Input
Input
DC
DC
Fuse
C1
+VIN
+VOUT
-VOUT
-VIN
C3
C2
C2
DC
DC
Fuse
C1
+VIN
+VOUT
COM
-VOUT
-VIN
C3
Input
Input
DC
DC
Fuse
C1
+VIN
+VOUT
-VOUT
-VIN
C3
C2
C2
DC
DC
Fuse
C1
+VIN
+VOUT
COM
-VOUT
-VIN
C3
MODEL
C1
C2
L1
RP10-24xxS_DEW
1μF/50V
1210 MLCC
1000pF/2kV
1808 MLCC
1000pF/2kV
1808 MLCC
RP10-48xxS_DEW
1.5μF/100V
1812 MLCC
1000pF/2kV
1808 MLCC
1000pF/2kV
1808 MLCC
Input
Input
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
+VOUT
COM
-VOUT
L1
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
L1
Input
Input
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
+VOUT
COM
-VOUT
L1
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
L1
EMC Filtering Class B
MODEL
C1
C2
C3/C4
L1
RP10-24xxS_DEW
2.2μF/50V
1812 MLCC
N/A
1000pF/2kV
1808 MLCC
CMC: 325μH
ref: WE 744290321
ref.: CMC-06
RP10-48xxS_DEW
2.2μF/50V
1812 MLCC
2.2μF/100V
1812 MLCC
1000pF/2kV
1808 MLCC
CMC: 325μH
ref: WE 744290321
ref.: CMC-06



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com