Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP15-OF Datasheet(PDF) 1 Page - Recom International Power

Part # RP15-OF
Description  15 Watt Single Output Open Frame SMD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-OF Datasheet(HTML) 1 Page - Recom International Power

  RP15-OF Datasheet HTML 1Page - Recom International Power RP15-OF Datasheet HTML 2Page - Recom International Power RP15-OF Datasheet HTML 3Page - Recom International Power RP15-OF Datasheet HTML 4Page - Recom International Power RP15-OF Datasheet HTML 5Page - Recom International Power RP15-OF Datasheet HTML 6Page - Recom International Power RP15-OF Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
Regulated
Converters
• 2:1 Input Voltage Range
• 2.25kVDC Isolation
• UL Certified
• Efficiency up to 88%
• Ultraminiature Open Frame SMD
• No Minimum Load Required
PD-1
REV.: 1/2016
www.recom-power.com
DC/DC Converter
3 YEAR
warranty
3
Description
The RP15-SOF series, are SMD open frame ultraminiature power DC/DC converters in a case half the
size of industry standard 15W converters. The converters use solder ball pins to enable SMD mounting
and can be reflow soldered. Despite their small size, these converters are fully specified devices with
output currents up to 3.5 Amps, no minimum load, 2250VDC isolation and low ripple/noise figures.
The outputs are also fully protected against short circuits, overcurrent and overvoltage. The RP15-SOF
series will find many uses in telecommunications and other demanding applications where cost, board
space or board height is at a premium.
E196683
15 Watt
Single
Output
Open Frame
SMD
RP15-OF
Selection Guide
Part Number
Input
Output
Output
Input(1) Efficiency(1) Max. Capacitive
Voltage Range
Voltage
Current
Current
typ.
Load(2)
[VDC]
[VDC]
[mA]
[mA]
[%]
[µF]
RP15-243.3SOF(3)
18-36
3.3
3500
560
86
10000
RP15-2405SOF(3)
18-36
5
3000
718
87
6000
RP15-2412SOF(3)
18-36
12
1250
718
87
1000
RP15-2415SOF(3)
18-36
15
1000
710
88
660
RP15-483.3SOF(3)
36-75
3.3
3500
283
85
10000
RP15-4805SOF(3)
36-75
5
3000
359
87
6000
RP15-4812SOF(3)
36-75
12
1250
359
87
1000
RP15-4815SOF(3)
36-75
15
1000
355
88
660
UL60950-1 Certified
Ordering Examples
RP15-2405SOF = 24 Input, 5V Output, No CTRL or trim connections
RP15-2412SOF/P = 24V Input, 12V Output, Positive logic. CTRL and trim SMD pins fitted
Model Numbering
Input Voltage
Output Voltage
Single
RP15-__ __ SOF/_
Notes:
Note3: Standard part is without suffixes and Trim and CTRL pins are not fitted.
add suffix ”P” for CTRL function with positive logic (1=ON, 0=OFF) and trim pin for single output
add suffix “N” for CTRL function with negative logic (0=ON, 1=OFF) and trim pin for single output
Control Logic(4)
Notes:
Note1: Values at nominal input voltage and no load/full load.
Note2: Test by minimum Vin and constant resistor load.


Similar Part No. - RP15-OF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-OFW RECOM-RP15-OFW Datasheet
518Kb / 7P
15 Watt Single Output Open Frame SMD
More results

Similar Description - RP15-OF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC48-OF RECOM-RAC48-OF Datasheet
91Kb / 2P
48 Watt Open Frame Single Output
RAC60-OF RECOM-RAC60-OF Datasheet
91Kb / 2P
60 Watt Open Frame Single Output
RP15-OFW RECOM-RP15-OFW Datasheet
518Kb / 7P
15 Watt Single Output Open Frame SMD
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
48 Watt Open Frame Single Output
RAC60-S-OF RECOM-RAC60-S-OF Datasheet
102Kb / 2P
60 Watt Open Frame Single Output
logo
CINCON ELECTRONICS Corp...
CFM06S CINCON-CFM06S Datasheet
234Kb / 2P
6 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM12S CINCON-CFM12S Datasheet
482Kb / 3P
12 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM25S CINCON-CFM25S Datasheet
463Kb / 3P
25 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM41S CINCON-CFM41S Datasheet
440Kb / 3P
40 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM61S CINCON-CFM61S Datasheet
593Kb / 2P
60 WATT SINGLE OUTPUT AC-DC OPEN FRAME
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com