Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5211 Datasheet(PDF) 12 Page - ON Semiconductor

Part # CS5211
Description  Low Voltage Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5211 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button CS5211 Datasheet HTML 8Page - ON Semiconductor CS5211 Datasheet HTML 9Page - ON Semiconductor CS5211 Datasheet HTML 10Page - ON Semiconductor CS5211 Datasheet HTML 11Page - ON Semiconductor CS5211 Datasheet HTML 12Page - ON Semiconductor CS5211 Datasheet HTML 13Page - ON Semiconductor CS5211 Datasheet HTML 14Page - ON Semiconductor CS5211 Datasheet HTML 15Page - ON Semiconductor CS5211 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CS5211
http://onsemi.com
12
Boost Component Selection for Upper FET Gate Drive
The boost (BST) pin provides for application of a higher
voltage to drive the upper FET. This voltage may be
provided by a fixed higher voltage or it may be generated
with a boost capacitor and charging diode, as shown in
Figure 10. The voltage in the boost configuration would be
the summation of the voltage from the charging diode and
the output voltage swing. Care must be taken to keep the
peak voltage with respect to ground less than 20 V peak. The
capacitor should be large enough to drive the capacitance of
the top FET.
+
+
COMP
VFFB
VFB
GATE(H)
GATE(L)
VC
VCC
PGND
IS–
ROSC
CS5211
5.0 V/8.0 A
51 k
0.1
µF
LGND
33
µF/25 V × 3
0.1
µF
SENSE+
4.7 k
1.0 k 1.0%
2.9
µH
12 V
IS+
SENSE–
100
µF/10 V × 2
SGND
4.02 k 1.0%
0.1
µF
0.1
µF
10
BST
12 V
18 V
0.1
µF
33
10
4.7 k
Figure 9. Additional Application Diagram, 12 V to 5.0 V/8.0 A Converter with Differential Remote Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com