Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3430 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3430
Description  High Voltage, 3A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3430 Datasheet(HTML) 2 Page - Linear Technology

  LT3430 Datasheet HTML 1Page - Linear Technology LT3430 Datasheet HTML 2Page - Linear Technology LT3430 Datasheet HTML 3Page - Linear Technology LT3430 Datasheet HTML 4Page - Linear Technology LT3430 Datasheet HTML 5Page - Linear Technology LT3430 Datasheet HTML 6Page - Linear Technology LT3430 Datasheet HTML 7Page - Linear Technology LT3430 Datasheet HTML 8Page - Linear Technology LT3430 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LT3430
sn3430 3430is
(Note 1)
Input Voltage (VIN) ................................................. 60V
BOOST Pin Above SW ............................................ 35V
BOOST Pin Voltage ................................................. 68V
SYNC Voltage ........................................................... 7V
SHDN Voltage ........................................................... 6V
BIAS Pin Voltage .................................................... 30V
FB Pin Voltage/Current .................................. 3.5V/2mA
Operating Junction Temperature Range
LT3430EFE (Note 8) ......................... – 40
°C to 125°C
LT3430IFE (Note 8) ......................... – 40
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
LT3430EFE
LT3430IFE
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Voltage (VREF)VOL + 0.2 ≤ VC ≤ VOH – 0.2
1.204
1.219
1.234
V
5.5V
≤ VIN ≤ 60V
q
1.195
1.243
FB Input Bias Current
q
– 0.2
– 1.5
µA
Error Amp Voltage Gain
(Note 2)
200
400
V/V
Error Amp gm
dl (VC) = ±10µA
1650
2200
3300
µMho
q
1000
4200
µMho
VC to Switch gm
3.4
A/V
EA Source Current
FB = 1V
q
125
225
450
µA
EA Sink Current
FB = 1.4V
q
100
225
500
µA
VC Switching Threshold
Duty Cycle = 0
0.9
V
VC High Clamp
SHDN = 1V
2.1
V
Switch Current Limit
VC Open, Boost = VIN + 5V, FB = 1V
–40
°C ≤ TJ ≤ 25°C
3
4.5
6
A
TJ = 125°C (Note 9)
2.5
3.5
6
A
Switch On Resistance
ISW = 3A, Boost = VIN + 5V (Note 7)
0.1
0.14
Ω
q
0.18
Ω
Maximum Switch Duty Cycle
FB = 1V
93
96
%
q
90
%
Switch Frequency
VC Set to Give DC = 50%
184
200
216
kHz
q
172
200
228
kHz
fSW Line Regulation
5.5V
≤ VIN ≤ 60V
q
0.05
0.15
%/V
fSW Shifting Threshold
Df = 10kHz
0.8
V
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25°C.
VIN = 15V, VC = 1.5V, SHDN = 1V, BOOST = Open Circuit, SW = Open Circuit, unless otherwise noted.
TJMAX = 125°C, θJA = 45°C/ W, θJC = 10°C/ W
EXPOSED PAD MUST BE SOLDERED
TO GROUND PLANE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
SW
VIN
VIN
SW
BOOST
NC
GND
GND
SHDN
SYNC
NC
FB
VC
BIAS
GND
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com