Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5211GD14 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CS5211GD14
Description  Low Voltage Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5211GD14 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CS5211GD14 Datasheet HTML 7Page - ON Semiconductor CS5211GD14 Datasheet HTML 8Page - ON Semiconductor CS5211GD14 Datasheet HTML 9Page - ON Semiconductor CS5211GD14 Datasheet HTML 10Page - ON Semiconductor CS5211GD14 Datasheet HTML 11Page - ON Semiconductor CS5211GD14 Datasheet HTML 12Page - ON Semiconductor CS5211GD14 Datasheet HTML 13Page - ON Semiconductor CS5211GD14 Datasheet HTML 14Page - ON Semiconductor CS5211GD14 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CS5211
http://onsemi.com
11
Feedback Divider Selection
The feedback voltage measured at VFB during normal
regulation will be 1.0 V. This voltage is compared to an
internal 1.0 V reference and is used to regulate the output
voltage. The bias current into the error amplifier is 1.0
µA
max, so select the resistor values so that this current does not
add an excessive offset voltage.
VFFB Feedback Selection
To take full advantage of the V2 control scheme, a small
amount of output ripple must be fed back to the VFFB pin,
typically 50 mV. For most application, this requirement is
simple to achieve and the VFFB can be connected directly to
the VFB pin. There are some application that have to meet
stringent load transient requirements. One of the key factor
in achieving tight dynamic voltage regulation is low ESR.
Low ESR at the regulator output results in low output
voltage ripple. This situation could result in increase noise
sensitivity and a potential for loop instability. In applications
where the output ripple is not sufficient, the performance of
the CS5211 can be improved by adding a fixed amount
external ramp compensation to the VFFB pin. Refer to Figure
7, the amount of ramp at the VFFB pin depends on the switch
node Voltage, Feedback Voltage, R1 and C2.
Vramp
+ (Vsw * VFB)
ton (R1
C2)
where:
Vramp = amount of ramp needed;
Vsw = switch note voltage;
VFB = voltage feedback, 1 V;
ton = switch on–time.
To minimize the lost in efficiency R1 resistance should be
large, typically 100 k or larger. With R1 chosen, C2 can be
determined by the following;
C2
+ (Vsw * VFB)
ton (R1
Vramp)
C1 is used as a bypass capacitor and its value should be
equal to or greater than C2.
Figure 7. Small RC Filter Providing the Proper Voltage
Ramp at the Beginning of Each On–Time Cycle
Vsw
R2
1.0 k
VFFB
VFB
R1
C1
C2
Maximum Frequency Operation
The minimum pulse width may limit the maximum
operating frequency. The duty factor, given by the
output/input voltage ratio, multiplied by the period
determines the pulse width during normal operation. This
pulse width must be greater than 200 ns, or duty cycle jitter
could become excessive. For low pulse widths below 300 ns,
external slope compensation should be added to the VFFB
pin to increase the PWM ramp signal and improve stability.
50 mV of added ramp at the VFFB pin is typically enough.
Current Sense Component Selection
The current limit threshold is set by sensing a 60 mV
voltage differential between the IS+ and IS– pins. Referring
to Figure 8, the time constant of the R2,C1 filter should be
set larger than the L/R1 time constant under worst case
tolerances, to prevent overshoot in the sensed voltage and
tripping the current limit too low. Resistor R3 of value equal
to R2 is added for bias current cancellation. R2 and R3
should not be made too large, to reduce errors from bias
current offsets. For typical L/R time constants, a 0.1
µF
capacitor for C1 will allow R2 to be between 1.0 k and 10 k
Ω.
The current limit without R4 and R5, which are optional,
is given by 60 mV/R1, where R1 is the internal resistance of
the inductor, obtained from the manufacturer. The addition
of R5 can be used to decrease the current limit to a value
given by:
ILIM + (60 mV * (VOUT
R3 (R3
) R5)) R1
where VOUT is the output voltage.
Similiarly, omitting R5 and adding R4 will increase the
current limit to a value given by:
ILIM + 60 mV R1
(1
) R2 R4)
Essentially, R4 or R5 are used to increase or decrease the
inductor voltage drop which corresponds to 60 mV at the IS+
and IS– pins.
Figure 8. Current Limit
R5
R3
IS–
IS+
R2
60 mV Trip
R4
C1
R1
L1
L
VOUT
Switching
Node



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com