Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY22381FCT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY22381FCT
Description  Three-PLL General Purpose FLASH Programmable Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22381FCT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY22381FCT Datasheet HTML 1Page - Cypress Semiconductor CY22381FCT Datasheet HTML 2Page - Cypress Semiconductor CY22381FCT Datasheet HTML 3Page - Cypress Semiconductor CY22381FCT Datasheet HTML 4Page - Cypress Semiconductor CY22381FCT Datasheet HTML 5Page - Cypress Semiconductor CY22381FCT Datasheet HTML 6Page - Cypress Semiconductor CY22381FCT Datasheet HTML 7Page - Cypress Semiconductor CY22381FCT Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CY22381
Document #: 38-07012 Rev. *D
Page 2 of 8
Pin Configuration
Operation
The CY22381 is an upgrade to the existing CY2081. The new
device has a wider frequency range, greater flexibility,
improved performance, and incorporates many features that
reduce PLL sensitivity to external system issues.
The device has three PLLs that allow each output to operate
at an independent frequencies. These three PLLs are
completely programmable.
Configurable PLLs
PLL1 generates a frequency that is equal to the reference
divided by an eight-bit divider (Q) and multiplied by an 11-bit
divider in the PLL feedback loop (P). The output of PLL1 is sent
to the crosspoint switch. The frequency of PLL1 can optionally
be changed by using the external CMOS general purpose
input. See the following section on “General-Purpose Input” for
more detail.
PLL2 generates a frequency that is equal to the reference
divided by an eight-bit divider (Q) and multiplied by an 11-bit
divider in the PLL feedback loop (P). The output of PLL2 is sent
to the crosspoint switch.
PLL3 generates a frequency that is equal to the reference
divided by an eight-bit divider (Q) and multiplied by an 11-bit
divider in the PLL feedback loop (P). The output of PLL3 is sent
to the cross-point switch.
General-Purpose Input
The CY22381 features an output control pin (pin 8) that can
be programmed to control one of four features.
When programmed as a Frequency Select (FS), the input can
select between two arbitrarily programmed frequency settings.
The Frequency Select can change the following; the frequency
of PLL1, the output divider of CLKB, and the output divider of
CLKA. Any divider change as a result of switching the FS input
is guaranteed to be glitch free.
The general-purpose input can simultaneously control the
Suspend feature, turning off a set of PLLs and outputs deter-
mined during programming.
When programmed as an Output Enable (OE) the input forces
all outputs to be placed in a three-state condition when LOW.
When programmed as a Shutdown, the input forces a full chip
shutdown mode when LOW.
Crystal Input
The input crystal oscillator is an important feature of this device
because of its flexibility and performance features.
The oscillator inverter has programmable drive strength. This
allows for maximum compatibility with crystals from various
manufacturers, processes, performances, and qualities.
The input load capacitors are placed on-die to reduce external
component cost. These capacitors are true parallel-plate
capacitors for ultra-linear performance. These were chosen to
reduce the frequency shift that occurs when non-linear load
Selector Guide
Part Number Outputs
Input Frequency Range
Output Frequency Range
Specifics
CY22381FC
3
8 MHz – 30 MHz (external crystal)
1 MHz – 166 MHz (reference clock)
Up to 200 MHz
Commercial Temperature
CY22381FI
3
8 MHz – 30 MHz (external crystal)
1 MHz – 150 MHz (reference clock)
Up to 166 MHz
Industrial Temperature
Pin Summary
Name
Pin Number
Description
CLKC
1
Configurable clock output C
GND
2
Ground
XTALIN
3
Reference crystal input or external reference clock input
XTALOUT
4
Reference crystal feedback (float if XTALIN is driven by external reference clock)
CLKB
5
Configurable clock output B
CLKA
6
Configurable clock output A
VDD
7
Power supply
FS/SUSPEND/
OE/SHUTDOWN
8
General Purpose Input. Can be Frequency Control, Suspend mode control, Output
Enable, or full-chip shutdown.
1
2
3
4
5
6
7
8
CLKC
GND
XTALIN
XTALOUT
FS/SUSPEND/OE/SHUTDOWN
VDD
CLKA
CLKB
8-pin SOIC
CY22381



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com