Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY22381FIT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY22381FIT
Description  Three-PLL General Purpose FLASH Programmable Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22381FIT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY22381FIT Datasheet HTML 1Page - Cypress Semiconductor CY22381FIT Datasheet HTML 2Page - Cypress Semiconductor CY22381FIT Datasheet HTML 3Page - Cypress Semiconductor CY22381FIT Datasheet HTML 4Page - Cypress Semiconductor CY22381FIT Datasheet HTML 5Page - Cypress Semiconductor CY22381FIT Datasheet HTML 6Page - Cypress Semiconductor CY22381FIT Datasheet HTML 7Page - Cypress Semiconductor CY22381FIT Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CY22381
Document #: 38-07012 Rev. *D
Page 3 of 8
capacitance interacts with load, bias, supply, and temperature
changes. Non-linear (FET gate) crystal load capacitors should
not be used for MPEG, POTS dial tone, communications, or
other applications that are sensitive to absolute frequency
requirements.
The value of the load capacitors is determined by six bits in a
programmable register. The load capacitance can be set with
a resolution of 0.375 pF for a total crystal load range of 6 pF
to 30 pF.
For driven clock inputs the input load capacitors may be
completely bypassed. This enables the clock chip to accept
driven frequency inputs up to 166 MHz. If the application
requires a driven input, then XTALOUT must be left floating.
Output Configuration
Under normal operation there are four internal frequency
sources that may be routed via a programmable crosspoint
switch to any of the three outputs via programmable seven-bit
output dividers. The four sources are: reference, PLL1, PLL2,
and PLL3. The following is a description of each output.
CLKA’s output originates from the crosspoint switch and goes
through a programmable seven-bit post divider. The seven-bit
post divider derives its value from one of two programmable
registers controlled by FS.
CLKB’s output originates from the crosspoint switch and goes
through a programmable seven-bit post divider. The seven-bit
post divider derives its value from one of two programmable
registers controlled by FS.
CLKC’s output originates from the crosspoint switch and goes
through a programmable seven-bit post divider. The seven-bit
post divider derives its value from one programmable register.
The Clock outputs have been designed to drive a single point
load with a total lumped load capacitance of 15 pF. While
driving multiple loads is possible with the proper termination,
it is generally not recommended.
Power-Saving Features
When configured as OE, the general-purpose input
three-states all outputs when pulled LOW. When configured as
Shutdown, a LOW on this pin three-states all outputs and
shuts off the PLLs, counters, the reference oscillator, and all
other active components. The resulting current on the VDD
pins will be less than 5
µA (typical). After leaving shutdown
mode, the PLLs will have to relock.
When configured as SUSPEND, the general-purpose input
can be configured to shut down a customizable set of outputs
and/or PLLs, when LOW. All PLLs and any of the outputs can
be shut off in nearly any combination. The only limitation is that
if a PLL is shut off, all outputs derived from it must also be shut
off. Suspending a PLL shuts off all associated logic, while
suspending an output forces a three-state condition.
Improving Jitter
Jitter Optimization Control is useful in mitigating problems
related to similar clocks switching at the same moment and
causing excess jitter. If one PLL is driving more than one
output, the negative phase of the PLL can be selected for one
of the outputs. This prevents the output edges from aligning,
allowing superior jitter performance.
CyClocks RT Software
CyClocks RT is our second-generation application that allows
users to configure this device. The easy-to-use interface offers
complete control of the many features of this family including
input frequency, PLL and output frequencies, and different
functional options. Data sheet frequency range limitations are
checked and performance tuning is automatically applied. You
can download a free copy of CyClocks RT on Cypress’s web
site at http://www.cypress.com.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com