Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SEPC560M Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SEPC560M
Description  Radial Lead Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SEPC560M Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SEPC560M Datasheet HTML 1Page - Panasonic Semiconductor 2SEPC560M Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Aluminum Solid Capacitors
Series
Rated
voltage
(V.DC)
Rated
capacitance
(μF)
Case size (mm)
Size
code
Specifications
Part number
fD
L
Ripple ✽
1
current
(mAr.m.s.)
ESR ✽
2
(m
Ω max.)
tan
d
✽3
LC ✽
4
(μA)
SEPC
2.5
100
5.0
9.0
B9
4180
7
0.10
500
2SEPC100MZ
300
5.0
9.0
4180
7
0.10
500
2SEPC330MZ
390
6.3
6.0
C6
3900
10
0.12
500
2SEPC390M
470
5.0
9.0
B9
4180
7
0.10
500
2SEPC470MZ
560
5.0
9.0
4180
7
0.10
500
2SEPC560MZ
6.3
6.0
C6
3900
10
0.12
500
2SEPC560M
6.3
9.0
C9
5600
7
0.10
500
2SEPC560MW
8.0
9.0
E9
4700
8
0.10
280
2SEPC560MX
820
6.3
9.0
C9
5600
7
0.10
500
2SEPC820MW
8.0
7.0
E7
5300
8
0.10
500
2SEPC820MD
8.0
9.0
E9
6100
7
0.10
500
2SEPC820MX
8.0
9.0
7200
5
0.10
500
2SEPC820MY
8.0
13.0
E13
6100
7
0.10
500
2R5SEPC820M
1000
8.0
9.0
E9
6100
7
0.10
500
2SEPC1000MX
2700
10.0
13.0
F13
5560
10
0.10
1350
2SEPC2700M
4.0
560
6.3
9.0
C9
5600
7
0.10
500
4SEPC560MW
8.0
9.0
E9
6100
7
0.10
500
4SEPC560MX
8.0
13.0
E13
6100
7
0.10
500
4SEPC560M
680
8.0
13.0
6100
7
0.10
544
4SEPC680M
820
10.0
13.0
F13
6640
7
0.10
656
4SEPC820M
6.3
220
6.3
5.5
C55
2980
18
0.12
280
6SEPC220M
470
6.3
9.0
C9
5600
7
0.10
592
6SEPC470MW
8.0
9.0
E9
5700
8
0.10
592
6SEPC470MX
8.0
13.0
E13
5700
8
0.10
592
6SEPC470M
560
6.3
9.0
C9
5600
7
0.10
705
6SEPC560MW
8.0
9.0
E9
6100
7
0.10
705
6SEPC560MX
680
10.0
13.0
E13
6640
7
0.10
857
6SEPC680M
1000
8.0
7.0
E7
3530
18
0.10
1260
6SEPC1000MD
1500
10.0
13.0
F13
5560
10
0.10
1890
6SEPC1500M
10
270
8.0
7.0
E7
3220
22
0.12
500
10SEPC270MD
16
100
6.3
6.0
C6
2490
24
0.10
320
16SEPC100M
6.3
9.0
C9
4680
10
0.10
500
16SEPC100MW
150
8.0
7.0
E7
3220
22
0.12
500
16SEPC150MD
180
8.0
9.0
E9
5000
10
0.10
576
16SEPC180MX
8.0
12.0
E12
4360
16
0.10
576
16SEPC180M
220
8.0
7.0
E7
4150
13
0.10
500
16SEPC220MD
270
8.0
9.0
E9
5000
10
0.10
864
16SEPC270MX
8.0
12.0
E12
5000
11
0.10
864
16SEPC270M
470
10.0
13.0
F13
6100
10
0.10
1504
16SEPC470M
✽1 Ripple current (100 kHz/ +105 °C ), ✽2 ESR (100 kHz to 300 kHz/+20 °C) ✽3 tan d (120 Hz/+20 °C) ✽4 After 2 minutes
◆ Please refer to each page in this catarog for “Flow conditions” and “Taping specifications”.
Frequency
120 Hz
< f < 1 kHz
1 kHz
< f < 10 kHz
10 kHz
< f < 100 kHz
100 kHz
< f < 500 kHz
Coefficient
0.05
0.3
0.7
1
Frequency correction factor for ripple current
Characteristics list
Nov. 2015
01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com