Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TPF220ML Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 6TPF220ML
Description  Surface Mount Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

6TPF220ML Datasheet(HTML) 2 Page - Panasonic Semiconductor

  6TPF220ML Datasheet HTML 1Page - Panasonic Semiconductor 6TPF220ML Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Tantalum Solid Capacitors
Characteristics list
Series
Rated
voltage
(V.DC)
Rated
temp.
(°C)
Category
voltage
(V.DC)
Category
temp.
(°C)
Rated
capacitance
(μF)
Case size (mm)
Size
code
Specifications
Standard
LW
H
Ripple ✽
1
current
(mAr.m.s.)
ESR ✽
2
(m
Ω max.)
tan
d ✽3
LC ✽
4
(μA)
Part number
Min.
Packaging Q'ty
(pcs)
TPF
2
105
2.0
105
220
7.3
4.3
1.8
D2E
4700
6
0.10
88.0
2TPF220M6
3000
105
2.0
105
330
7.3
4.3
1.8
4700
6
0.10
132.0
2TPF330M6
3000
2.5
105
2.5
105
330
7.3
4.3
2.8
D3L
4400
7
0.10
82.5
2R5TPF330M7L
2500
105
2.5
105
470
7.3
4.3
2.8
4400
6
0.10
117.5
2R5TPF470M6L
2500
105
2.5
105
7.3
4.3
2.8
4400
7
0.10
117.5
2R5TPF470M7L
2500
105
2.5
105
7.3
4.3
2.8
4400
10
0.10
117.5
2R5TPF470ML
2500
105
2.5
105
7.3
4.3
3.8
D4
6100
5
0.10
117.5
ETPF470M5H
2000
105
2.5
105
680
7.3
4.3
2.8
D3L
4400
6
0.10
170.0
2R5TPF680M6L
2500
105
2.5
105
7.3
4.3
2.8
4400
7
0.10
170.0
2R5TPF680M7L
2500
105
2.5
105
7.3
4.3
2.8
4400
10
0.10
170.0
2R5TPF680ML
2500
105
2.5
105
7.3
4.3
3.8
D4
6100
5
0.10
170.0
ETPF680M5H
2000
105
2.5
105
1000
7.3
4.3
3.8
6100
5
0.10
250.0
ETPF1000M5H
2000
105
2.5
105
7.3
4.3
3.8
5600
6
0.10
250.0
ETPF1000M6H
2000
4
105
4.0
105
330
7.3
4.3
2.8
D3L
4000
12
0.10
132.0
4TPF330ML
2500
105
4.0
105
470
7.3
4.3
2.8
4400
10
0.10
188.0
4TPF470ML
2500
105
4.0
105
680
7.3
4.3
3.8
D4
4400
10
0.10
272.0
4TPF680MAH
2000
6.3
105
6.3
105
220
7.3
4.3
2.8
D3L
6100
5
0.10
138.6
6TPF220M5L
2500
105
6.3
105
7.3
4.3
2.8
4600
9
0.10
138.6
6TPF220M9L
2500
105
6.3
105
7.3
4.3
2.8
4000
12
0.10
138.6
6TPF220ML
2500
105
6.3
105
330
7.3
4.3
2.8
3900
9
0.10
207.9
6TPF330M9L
2500
105
6.3
105
470
7.3
4.3
3.8
D4
4400
10
0.10
296.1
6TPF470MAH
2000
10
105
10.0
105
150
7.3
4.3
2.8
D3L
3600
15
0.10
150.0
10TPF150ML
2500
✽1 Ripple current (100 kHz/ +45 °C ), ✽2 ESR (100 kHz/+20 °C) ✽3 tan d (120 Hz/+20 °C) ✽4 After 5 minutes
◆ Please refer to each page in this catarog for “Reflow conditions” and “Taping specifications”.
Nov. 2015
01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com