Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN6070SSD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN6070SSD
Description  Low Input Capacitance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6070SSD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN6070SSD Datasheet HTML 1Page - Diodes Incorporated DMN6070SSD Datasheet HTML 2Page - Diodes Incorporated DMN6070SSD Datasheet HTML 3Page - Diodes Incorporated DMN6070SSD Datasheet HTML 4Page - Diodes Incorporated DMN6070SSD Datasheet HTML 5Page - Diodes Incorporated DMN6070SSD Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN6070SSD
Document number: DS36342 Rev. 3 - 2
4 of 6
www.diodes.com
January 2015
© Diodes Incorporated
DMN6070SSD
T , JUNCTION TEMPERATURE ( C)
Figure 7 On-Resistance Variation with Temperature
J
°
V
= 4.5V
I= 5A
GS
D
V=
V
I = 10A
GS
D
10
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
T, JUNCTION TEMPERATURE ( C)
Figure 8 Gate Threshold Variation vs. Ambient Temperature
J
°
I= 1mA
D
I = 250µA
D
0
5
10
15
20
0
0.3
0.6
0.9
1.2
1.5
V , SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
T = -55°C
A
T= 25°C
A
T= 85°C
A
T = 125°C
A
T = 150°C
A
0.001
0.01
0.1
1
10
100
0.1
1
10
100
-V , DRAIN-SOURCE VOLTAGE (V)
Figure 10 SOA, Safe Operation Area
DS
R
Limited
DS(on)
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W
T
= 150°C
T = 25°C
J(max)
A
V
= -8V
Single Pulse
GS
DUT on 1 * MRP Board
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 11 Typical Junction Capacitance
Crss
1
10
100
1000
10000
010
20
3040
f=1MHz
Ciss
Coss
Q , TOTAL GATE CHARGE (nC)
g
Figure 12 Gate Charge
0
1
2
3
4
5
6
7
8
9
10
02
46
8
10
12
14
V
= 30V
DS
I = 3A
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com