Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH10H028SCT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMNH10H028SCT
Description  Low Input Capacitance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH10H028SCT Datasheet(HTML) 2 Page - Diodes Incorporated

  DMNH10H028SCT Datasheet HTML 1Page - Diodes Incorporated DMNH10H028SCT Datasheet HTML 2Page - Diodes Incorporated DMNH10H028SCT Datasheet HTML 3Page - Diodes Incorporated DMNH10H028SCT Datasheet HTML 4Page - Diodes Incorporated DMNH10H028SCT Datasheet HTML 5Page - Diodes Incorporated DMNH10H028SCT Datasheet HTML 6Page - Diodes Incorporated DMNH10H028SCT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMNH10H028SCT
Document number: DS38674 Rev. 2 - 2
2 of 7
www.diodes.com
April 2016
© Diodes Incorporated
DMNH10H028SCT
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current, VGS = 10V
TC = +25°C
TC = +100°C
ID
60
42
A
Pulsed Drain Current (380
s Pulse, Duty Cycle = 1%)
IDM
90
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
2.8
A
Avalanche Current, L = 0.1mH
IAS
27
A
Avalanche Energy, L = 0.1mH
EAS
37
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
2.8
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RJA
54
°C/W
Thermal Resistance, Junction to Case
RJC
1
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
100
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current, TJ = +25°C
IDSS
—
—
1
µA
VDS = 100V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(TH)
2.0
2.8
4.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
19
28
m
Ω
VGS = 10V, ID = 20A
Diode Forward Voltage
VSD
—
0.7
1.2
V
VGS = 0V, IS = 1.0A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
—
1942
—
pF
VDS = 50V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
166
—
pF
Reverse Transfer Capacitance
Crss
—
47
—
pF
Gate Resistance
Rg
—
1.8
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 8V)
Qg
—
25.4
—
nC
VDS = 50V, ID = 20A
Total Gate Charge (VGS = 10V)
Qg
—
31.9
—
nC
Gate-Source Charge
Qgs
—
8.1
—
nC
Gate-Drain Charge
Qgd
—
6.5
—
nC
Turn-On Delay Time
tD(ON)
—
7.1
—
ns
VGS = 10V, VDS = 50V,
RG = 3Ω, ID = 20A
Turn-On Rise Time
tR
—
6.6
—
ns
Turn-Off Delay Time
tD(OFF)
—
14.0
—
ns
Turn-Off Fall Time
tF
—
3.2
—
ns
Body Diode Reverse Recovery Time
tRR
—
35.3
—
ns
IF = 20A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
—
46.8
—
nC
IF = 20A, di/dt = 100A/μs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com