Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH6008SPSQ Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMNH6008SPSQ
Description  Fast Switching Speed
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6008SPSQ Datasheet(HTML) 4 Page - Diodes Incorporated

  DMNH6008SPSQ Datasheet HTML 1Page - Diodes Incorporated DMNH6008SPSQ Datasheet HTML 2Page - Diodes Incorporated DMNH6008SPSQ Datasheet HTML 3Page - Diodes Incorporated DMNH6008SPSQ Datasheet HTML 4Page - Diodes Incorporated DMNH6008SPSQ Datasheet HTML 5Page - Diodes Incorporated DMNH6008SPSQ Datasheet HTML 6Page - Diodes Incorporated DMNH6008SPSQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMNH6008SPSQ
Document number: DS38772 Rev. 1 - 2
4 of 7
www.diodes.com
April 2016
© Diodes Incorporated
DMNH6008SPSQ
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
-50
-25
0
25
50
75
100
125
150
175
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
V
GS = 10V, ID = 20A
0
2
4
6
8
10
12
14
16
18
20
0
0.3
0.6
0.9
1.2
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
T
A = 150
oC
T
A = 85
oC
T
A = 25
oC
T
A = -55
oC
V
GS = 0V
T
A = 175
oC
T
A = 125
oC
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 11. Typical Junction Capacitance
f=1MHz
C
rss
C
oss
C
iss
0
2
4
6
8
10
0
10
20
30
40
Q
g (nC)
Figure 12. Gate Charge
V
DS = 30V, ID = 20A
0
0.5
1
1.5
2
2.5
3
3.5
-50
-25
0
25
50
75
100
125
150
175
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Temperature
I
D = 250μA
I
D = 1mA
0.1
1
10
100
1000
10000
100000
1000000
0
5
10 15 20 25 30 35 40 45 50 55 60
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Drain-Source Leakage Current vs.
Voltage
25℃
85℃
150℃
125℃
175℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com