Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR-T6166 Datasheet(PDF) 5 Page - Exar Corporation

Part # XR-T6166
Description  Codirectional Digital Data Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-T6166 Datasheet(HTML) 5 Page - Exar Corporation

  XR-T6166 Datasheet HTML 1Page - Exar Corporation XR-T6166 Datasheet HTML 2Page - Exar Corporation XR-T6166 Datasheet HTML 3Page - Exar Corporation XR-T6166 Datasheet HTML 4Page - Exar Corporation XR-T6166 Datasheet HTML 5Page - Exar Corporation XR-T6166 Datasheet HTML 6Page - Exar Corporation XR-T6166 Datasheet HTML 7Page - Exar Corporation XR-T6166 Datasheet HTML 8Page - Exar Corporation XR-T6166 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
XR-T6166
5
Rev. 2.02
ELECTRICAL CHARACTERISTICS
Test Conditions: VDD = 5V $10%, TA = 25°C, Unless Otherwise Specified
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
DC Electrical Characteristics
VIH
Logic 1
2.4
V
VIL
Logic 0
0.4
V
VDD
Supply
4.5
5.5
V
IDD
Supply Current
500
µA
Dynamic Supply Current
IIL
Input Leakage
1
µA
VOL
0.4
V
At 1.6mA
VOH
2.4
mA
At 0.4mA
AC Electrical Characteristics
General
tr, tf
Output Rise/Fall Time
20
ns
All Outputs
Receiver
tRS
RX2MHz Rising Edge to TS
Rising Edge Set Up Time
0
tRXL-
100
ns
Figure 3
tRH
RX2MHz Rising Edge to TS
Falling Edge Hold Time
0
tRXL-
100
ns
Figure 3
tDRS
TS Rising Edge to Leading Edge
of PCMOUT D0 Bit Delay
10
ns
Figure 3
tDRH
TS Falling Edge to Trailing Edge
of PCMOUT D7 Bit Hold Time
0
10
ns
Figure 3
tRXD
RX2MHz Rising Egde to
PCMOUT Bits D1 Through D6
Rising Edge Delay
10
ns
Figure 3
tPW
PCMOUT Pulse Width
488
ns
Figure 3
tRXH
RX2MHz High Time
244
ns
Figure 3
tRXL
RX2MHz Low Time
244
ns
Figure 3
tRXCLK
RX2MHz Period
488
ns
$100ppm
Transmitter
tTS
TS Rising Edge to TX2MHz Set
Up Time
20
tTXL-
100
ns
Figure 5
tTH
TS Falling Edge to TX2MHz Hold
Time
0
tTXL-
100
ns
Figure 5
tDS
PCMIN Edge to TX2MHz Set Up
Time
100
ns
Figure 5
tDH
PCMIN Edge to TX2MHz Hold
Time
100
ns
Figure 5
tTXH
TX2MHz High Time
244
ns
Figure 5
tTXL
TX2MHz Low Time
244
ns
Figure 5
tTXCLK
TX2MHz Period
488
ns
$100ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com