Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT43 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # GT43
Description  Low Collector Saturation Voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

GT43 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  GT43 Datasheet HTML 1Page - Inchange Semiconductor Company Limited GT43 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN Darlington Power Transistor
GT43
DESCRIPTION
·
Collector-Emitter Breakdown Voltage-
: V(BR)CEO= 300V(Min)
·
High DC Current Gain
: hFE= 2000(Min.)@ IC= 4A
·
Low Collector Saturation Voltage
: VCE(sat)= 3.0V(Max.)@ IC= 6A
APPLICATIONS
·
Switching for dynamotor excitation
·
General purpose power amplifier
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
400
V
VCEO
Collector-Emitter Voltage
300
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
10
A
IB
Base Current-Continuous
1
A
PC
Collector Power Dissipation
@ TC=25℃
100
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - GT43

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
GT43 NJSEMI-GT43 Datasheet
88Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Mallory performance clu...
GT430 MALLORY-GT430 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
logo
List of Unclassifed Man...
GT430NS ETC1-GT430NS Datasheet
468Kb / 10P
Mini size of Discrete semiconductor elements
GT430PS ETC1-GT430PS Datasheet
468Kb / 10P
Mini size of Discrete semiconductor elements
logo
Motorola, Inc
GT4328 MOTOROLA-GT4328 Datasheet
858Kb / 1P
CONDENSED TRUTH TABLE FOR THE Nth STAGE
More results

Similar Description - GT43

ManufacturerPart #DatasheetDescription
logo
NEC
2SB1151 NEC-2SB1151 Datasheet
150Kb / 2P
Low Collector Saturation Voltage
logo
Infineon Technologies A...
SMBT2222AE6327HTSA1 INFINEON-SMBT2222AE6327HTSA1 Datasheet
538Kb / 8P
Low collector-emitter saturation voltage
2011-08-19
logo
Inchange Semiconductor ...
2SB1261-K ISC-2SB1261-K Datasheet
97Kb / 2P
Low Collector Saturation Voltage
2SC1383 ISC-2SC1383 Datasheet
770Kb / 4P
Low Collector Saturation Voltage
logo
Nanjing International G...
A44 DGNJDZ-A44 Datasheet
304Kb / 1P
Low Collector-Emitter Saturation Voltage
logo
Inchange Semiconductor ...
2SD1071 ISC-2SD1071 Datasheet
139Kb / 2P
Low Collector Saturation Voltage
2SD1298 ISC-2SD1298 Datasheet
132Kb / 2P
Low Collector Saturation Voltage
2SD1516 ISC-2SD1516 Datasheet
145Kb / 2P
Low Collector Saturation Voltage
logo
Shanghai Leiditech Elec...
2SB1386 LEIDITECH-2SB1386 Datasheet
1Mb / 4P
Low collector saturation voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com