Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR434ARM Datasheet(PDF) 18 Page - Analog Devices

Part # ADR434ARM
Description  Ultralow Noise XFET Voltage References with Current Sink and Source Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR434ARM Datasheet(HTML) 18 Page - Analog Devices

Back Button ADR434ARM Datasheet HTML 14Page - Analog Devices ADR434ARM Datasheet HTML 15Page - Analog Devices ADR434ARM Datasheet HTML 16Page - Analog Devices ADR434ARM Datasheet HTML 17Page - Analog Devices ADR434ARM Datasheet HTML 18Page - Analog Devices ADR434ARM Datasheet HTML 19Page - Analog Devices ADR434ARM Datasheet HTML 20Page - Analog Devices ADR434ARM Datasheet HTML 21Page - Analog Devices ADR434ARM Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADR430/ADR431/ADR433/ADR434/ADR435/ADR439
Rev. B | Page 18 of 24
PROGRAMMABLE CURRENT SOURCE
Together with a digital potentiometer and a Howland current
pump, ADR435 forms the reference source for a programmable
current as
W
B
B
A
L
V
R
R1
R
R2
I
×
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
+
=
2
2
(3)
and
REF
N
W
V
D
V
×
=
2
(4)
where:
D is the decimal equivalent of the input code.
N is the number of bits.
In addition,
and
must be equal to R1 and R2
1
R ′
2
R ′
A
+ R2B,
respectively. R2B in theory can be made as small as needed to
achieve the necessary current within the A2 output current
driving capability. In this example, OP2177 can deliver a maxi-
mum of 10 mA. Because the current pump employs both positive
and negative feedback, capacitors C1 and C2 are needed to
ensure that the negative feedback prevails and, therefore, avoids
oscillation. This circuit also allows bidirectional current flow if
the inputs VA and VB of the digital potentiometer are supplied
with the dual polarity references, as shown previously.
GND
6
2
4
5
VIN
VDD
VOUT
GND
TRIM
C2
10pF
U1
V+
V–
IL
U2
ADR435
OP2177
R1
50k
Ω
OP2177
V–
V+
A2
A1
LOAD
VDD
AD5232
U2
DIGITAL
POTENTIOMETER
W
A
B
VSS
R1'
50k
Ω
R2'
1k
Ω
R2A
1k
Ω
R2B
10
Ω
VDD
VSS
C1
10pF
+
VL
–
Figure 38. Programmable Current Source
PROGRAMMABLE DAC REFERENCE VOLTAGE
With a multichannel DAC such as a quad 12-bit voltage output
DAC AD7398, one of its internal DACs and an ADR43x voltage
reference can be used as a common programmable VREFX for the
rest of the DACs. The circuit configuration is shown in Figure 39.
VREFA
DAC A
VREFB
DAC B
VREFC
DAC C
VREFD
DAC D
VOUTA
VOUTB
VOUTC
VOUTD
VOB =VREFX (DB)
VOC =VREFX (DC)
VOD =VREFX (DD)
ADR436
AD7398
VIN
VREF
R1
± 0.1%
R2
± 0.1%
Figure 39. Programmable DAC Reference
The relationship of VREFX to VREF depends on the digital code
and the ratio of R1 and R2, and is given by
⎟
⎠
⎞
⎜
⎝
⎛
×
+
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
R1
R2
D
R1
R2
V
V
N
REF
REFX
2
1
1
(5)
where:
D is the decimal equivalent of input code.
N is the number of bits.
VREF is the applied external reference.
VREFX is the reference voltage for DAC A to DAC D.
Table 10. VREFX vs. R1 and R2
R1, R2
Digital Code
VREF
R1 = R2
0000 0000 0000
2 VREF
R1 = R2
1000 0000 0000
1.3 VREF
R1 = R2
1111 1111 1111
VREF
R1 = 3R2
0000 0000 0000
4 VREF
R1 = 3R2
1000 0000 0000
1.6 VREF
R1 = 3R2
1111 1111 1111
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com