Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS154 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LS154
Description  4-Line to 16-Line Decoders/Demultiplexers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LS154 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74LS154 Datasheet HTML 1Page - National Semiconductor (TI) 74LS154 Datasheet HTML 2Page - National Semiconductor (TI) 74LS154 Datasheet HTML 3Page - National Semiconductor (TI) 74LS154 Datasheet HTML 4Page - National Semiconductor (TI) 74LS154 Datasheet HTML 5Page - National Semiconductor (TI) 74LS154 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
DM54LS
b
55 Cto a125 C
DM74LS
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM54LS154
DM74LS154
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
07
08
V
IOH
High Level Output Current
b
04
b
04
mA
IOL
Low Level Output Current
4
8
mA
TA
Free Air Operating Temperature
b
55
125
0
70
C
Electrical Characteristics over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb18 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
DM54
25
34
V
Voltage
VIL e Max VIH e Min
DM74
27
34
VOL
Low Level Output
VCC e Min IOL e Max
DM54
025
04
Voltage
VIL e Max VIH e Min
DM74
035
05
V
IOL e 4 mA VCC e Min
DM74
025
04
II
Input Current
Max
VCC e Max VI e 7V
01
mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 27V
20
m
A
IIL
Low Level Input Current
VCC e Max VI e 04V
b
04
mA
IOS
Short Circuit
VCC e Max
DM54
b
20
b
100
mA
Output Current
(Note 2)
DM74
b
20
b
100
ICC
Supply Current
VCC e Max (Note 3)
9
14
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time and the duration should not exceed one second
Note 3
ICC is measured with all outputs open and all inputs grounded
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 2kX
Symbol
Parameter
To (Output)
CL e 15 pF
CL e 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
Data to
30
35
ns
Low to High Level Output
Output
tPHL
Propagation Delay Time
Data to
30
35
ns
High to Low Level Output
Output
tPLH
Propagation Delay Time
Strobe to
20
25
ns
Low to High Level Output
Output
tPHL
Propagation Delay Time
Strobe to
25
35
ns
High to Low Level Output
Output
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com