Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY22381SC-RGL Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY22381SC-RGL
Description  Three-PLL General Purpose FLASH Programmable Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22381SC-RGL Datasheet(HTML) 8 Page - Cypress Semiconductor

  CY22381SC-RGL Datasheet HTML 1Page - Cypress Semiconductor CY22381SC-RGL Datasheet HTML 2Page - Cypress Semiconductor CY22381SC-RGL Datasheet HTML 3Page - Cypress Semiconductor CY22381SC-RGL Datasheet HTML 4Page - Cypress Semiconductor CY22381SC-RGL Datasheet HTML 5Page - Cypress Semiconductor CY22381SC-RGL Datasheet HTML 6Page - Cypress Semiconductor CY22381SC-RGL Datasheet HTML 7Page - Cypress Semiconductor CY22381SC-RGL Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CY22381
Document #: 38-07012 Rev. *D
Page 8 of 8
Document History Page
Document Title: CY22381 Three-PLL General Purpose Flash Programmable Clock Generator
Document Number: 38-07012
REV.
ECN NO. Issue Date
Orig. of
Change
Description of Change
**
106737
07/03/01
TLG
New data sheet
*A
108514
08/23/01
JWK
Updated based on characterization results
Removed “Preliminary” heading
Removed soldering temperature rating
Split crystal load into two typical specs representing digital settings range
Changed t5 max to 300 ns
Changed t6 typical to 200 ps
Changed t7 typical to 1.0 ms
*B
110053
12/10/01
CKN
Changed from preliminary to final
*C
121863
12/14/02
RBI
Added power-up requirements to Operating Conditions information
*D
279431
See ECN
RGL
Added lead-free devices



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com