Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR430ARMZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADR430ARMZ
Description  Ultralow Noise XFET Voltage References with Current Sink and Source Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR430ARMZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADR430ARMZ Datasheet HTML 11Page - Analog Devices ADR430ARMZ Datasheet HTML 12Page - Analog Devices ADR430ARMZ Datasheet HTML 13Page - Analog Devices ADR430ARMZ Datasheet HTML 14Page - Analog Devices ADR430ARMZ Datasheet HTML 15Page - Analog Devices ADR430ARMZ Datasheet HTML 16Page - Analog Devices ADR430ARMZ Datasheet HTML 17Page - Analog Devices ADR430ARMZ Datasheet HTML 18Page - Analog Devices ADR430ARMZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADR430/ADR431/ADR433/ADR434/ADR435/ADR439
Rev. B | Page 15 of 24
THEORY OF OPERATION
The ADR43x series of references uses a new reference generation
technique known as XFET (eXtra implanted junction FET).
This technique yields a reference with low supply current, good
thermal hysteresis, and exceptionally low noise. The core of the
XFET reference consists of two junction field-effect transistors
(JFETs), one of which has an extra channel implant to raise its
pinch-off voltage. By running the two JFETs at the same drain
current, the difference in pinch-off voltage can be amplified and
used to form a highly stable voltage reference.
The intrinsic reference voltage is around 0.5 V with a negative
temperature coefficient of about –120 ppm/°C. This slope is
essentially constant to the dielectric constant of silicon and can
be closely compensated by adding a correction term generated
in the same fashion as the proportional-to-temperature (PTAT)
term used to compensate band gap references. The big advantage
of an XFET reference is that the correction term is some 30 times
lower (therefore, requiring less correction) than for a band gap
reference, resulting in much lower noise, because most of the
noise of a band gap reference comes from the temperature
compensation circuitry.
Figure 29 shows the basic topology of the ADR43x series. The
temperature correction term is provided by a current source
with a value designed to be proportional to absolute temperature.
The general equation is
(
)
PTAT
P
OUT
I
R1
V
Δ
G
V
×
−
×
=
(1)
where:
G is the gain of the reciprocal of the divider ratio.
∆VP is the difference in pinch-off voltage between the two JFETs.
IPTAT is the positive temperature coefficient correction current.
ADR43x devices are created by on-chip adjustment of R2 and
R3 to achieve 2.048 V or 2.500 V, respectively, at the reference
output.
**
IPTAT
I1
I1
*EXTRA CHANNEL IMPLANT
VOUT = G(∆VP –R1 × IPTAT)
R2
VIN
VOUT
GND
R3
R1
∆VP
ADR43x
Figure 29. Simplified Schematic Device
Power Dissipation Considerations
The ADR43x family of references is guaranteed to deliver load
currents to 10 mA with an input voltage that ranges from 4.5 V
to 18 V. When these devices are used in applications at higher
currents, users should use the following equation to account for
the temperature effects due to the power dissipation increases.
A
JA
D
J
T
P
T
+
θ
×
=
(2)
where:
TJ and TA are the junction and ambient temperatures,
respectively.
PD is the device power dissipation.
θJA is the device package thermal resistance.
BASIC VOLTAGE REFERENCE CONNECTIONS
Voltage references, in general, require a bypass capacitor
connected from VOUT to GND. The circuit in Figure 30
illustrates the basic configuration for the ADR43x family of
references. Other than a 0.1 µF capacitor at the output to help
improve noise suppression, a large output capacitor at the
output is not required for circuit stability.
+
NIC = NO INTERNAL CONNECTION
TP = TEST PIN (DO NOT CONNECT)
1
2
3
4
5
8
6
7
ADR43x
TOP VIEW
(Not to Scale)
TP
NIC
OUTPUT
TRIM
TP
NIC
VIN
10
µF
0.1
µF
0.1
µF
Figure 30. Basic Voltage Reference Configuration
NOISE PERFORMANCE
The noise generated by the ADR43x family of references is
typically less than 3.75 µV p-p over the 0.1 Hz to 10.0 Hz band
for ADR430, ADR431, and ADR433. Figure 22 shows the 0.1
Hz to 10 Hz noise of the ADR431, which is only 3.5 µV p-p. The
noise measurement is made with a band-pass filter made of a
2-pole high-pass filter with a corner frequency at 0.1 Hz and a
2-pole low-pass filter with a corner frequency at 10.0 Hz.
TURN-ON TIME
Upon application of power (cold start), the time required for
the output voltage to reach its final value within a specified
error band is defined as the turn-on settling time. Two compo-
nents normally associated with this are the time for the active
circuits to settle and the time for the thermal gradients on the
chip to stabilize. Figure 17 and Figure 18 show the turn-on
settling time for the ADR431.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com