Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5397 Datasheet(PDF) 1 Page - InterFET Corporation

Part # 2N5397
Description  N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

2N5397 Datasheet(HTML) 1 Page - InterFET Corporation

  2N5397 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-20
01/99
2N5397, 2N5398
N-Channel Silicon Junction Field-Effect Transistor
¥ Low-Noise
¥ High Power Gain
¥ High Transconductance
¥ Mixers
¥ Oscillators
¥ VHF Amplifiers
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 25 V
Drain Source Voltage
25 V
Continuous Forward Gate Current
10 mA
Continuous Device Power Dissipation
300 mW
Power Derating
1.7 mW/°C
TOÐ72 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Drain, 3 Gate, 4 Case
Surface Mount
SMP5397, SMP5398
At 25°C free air temperature:
2N5397
2N5398
Process NJ26L
Static Electrical Characteristics
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 25
– 25
V
IG = – 1 µA, VDS = ØV
Gate Source Forward Voltage
VGS(F)
11
V
IG = 1 mA, VDS = ØV
Gate Reverse Current
IGSS
– 0.1
– 0.1
nA
VGS = – 15V, VDS = ØV
– 0.1
– 0.1
µA
VGS = – 15V, VDS = ØV
TA = 150°C
Gate Source Cutoff Voltage
VGS(OFF)
– 1– 6– 1– 6
V
VDS = 10V, ID = 1 nA
Drain Saturation Current (Pulsed)
IDSS
10
30
5
40
mA
VDS = 10V, VGS = ØV
Dynamic Electrical Characteristics
Common Source
gfs
5.5
9
5
10
mS
VDG = 10V, ID = 10 mA
f = 450 MHz
Forward Transconductance
Common Source
| Yfs |
6
10
5.5
10
mS
VDS = 10V, ID = 10 mA
f = 1 kHz
Forward Transfer Admittance
Common Source Output Conductance
| gos |
0.4
0.5
mS
VDG = 10V, ID = 10 mA
f = 450 MHz
Common Source Input Admittance
| Yos |
0.2
0.4
mS
VDS = 10V, ID = 10 mA
f = 1 kHz
Common Source Input Conductance
gis
23
mS
VDG = 10V, ID = 10 mA
f = 450 MHz
Common Source Input Capacitance
Ciss
5
5.5
pF
VDG = 15V, VGS = ØV
f = 1 kHz
Common Source
Crss
1.2
1.3
pF
VDG = 15V, VGS = ØV
f = 1 kHz
Reverse Transfer Capacitance
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-20


Similar Part No. - 2N5397

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
2N5397 INTERSIL-2N5397 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N5397 NJSEMI-2N5397 Datasheet
145Kb / 1P
N-CHANNEL JFETS
2N5397 NJSEMI-2N5397 Datasheet
135Kb / 1P
N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTOR
2N5397 NJSEMI-2N5397 Datasheet
162Kb / 1P
N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
More results

Similar Description - 2N5397

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J112 INTERFET-J112 Datasheet
98Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com