Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF223 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IRF223
Description  High Speed Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF223 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRF223 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF223 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
IRF223
DESCRIPTION
·Drain Current ID=4A@ TC=25℃
·Drain Source Voltage-
: VDSS= 150V(Min)
·Static Drain-Source On-Resistance
: RDS(on) =1.2Ω(Max)
·High Speed Applications
APPLICATIONS
·Switching power supplies
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
150
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=25℃
4
A
Ptot
Total Dissipation@TC=25℃
40
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3.12
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
30
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - IRF223

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF223 SAMSUNG-IRF223 Datasheet
209Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF223 FAIRCHILD-IRF223 Datasheet
165Kb / 5P
N-Channel Power MOSFETs, 7A, 150-200V
logo
Intersil Corporation
IRF223 INTERSIL-IRF223 Datasheet
68Kb / 7P
4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs
October 1997
logo
New Jersey Semi-Conduct...
IRF223 NJSEMI-IRF223 Datasheet
135Kb / 3P
Nanosecond Switching Speeds
logo
ARTSCHIP ELECTRONICS CO...
IRF223 ARTSCHIP-IRF223 Datasheet
154Kb / 5P
N-Channel Power Mosfets
More results

Similar Description - IRF223

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ305 TOSHIBA-2SJ305_07 Datasheet
592Kb / 5P
High Speed Switching Applications Analog Applications
2SJ344 TOSHIBA-2SJ344_07 Datasheet
580Kb / 5P
High Speed Switching Applications
2SJ346 TOSHIBA-2SJ346_07 Datasheet
568Kb / 5P
High Speed Switching Applications
1SS419 TOSHIBA-1SS419 Datasheet
122Kb / 3P
High-Speed Switching Applications
logo
Guangdong Kexin Industr...
2SC4522 KEXIN-2SC4522 Datasheet
45Kb / 2P
High-Speed Switching Applications
logo
Inchange Semiconductor ...
IRF220 ISC-IRF220 Datasheet
48Kb / 2P
High Speed Applications
IRF221 ISC-IRF221 Datasheet
48Kb / 2P
High Speed Applications
IRF222 ISC-IRF222 Datasheet
48Kb / 2P
High Speed Applications
IRF224 ISC-IRF224 Datasheet
48Kb / 2P
High Speed Applications
IRF225 ISC-IRF225 Datasheet
48Kb / 2P
High Speed Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com