Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6166 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # 2N6166
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

2N6166 Datasheet(HTML) 1 Page - Advanced Semiconductor

  2N6166 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCES
IC = 200 mA
65
V
BVCEO
IC = 200 mA
35
V
BVEBO
IE = 10 Ma
4.0
V
ICES
VCE = 30 V
5.0
mA
ICBO
VCB = 30 V
30
mA
hFE
VCE = 5.0 V
IC = 500 mA
5.0
---
COB
VCE = 28 V
f = 1.0 MHz
130
pF
PG
ηηηη
C
VCC = 28 V
POUT = 100 W
f = 150 MHz
6.0
60
dB
%
NPN SILICON RF POWER TRANSISTOR
2N6166
PACKAGE STYLE .500 4L FLG
ORDER CODE: ASI10790
DESCRIPTION:
The
ASI 2N6166 is Designed to
operate in a collector modulated VHF
Power Amplifier Applications up to 200
MHz.
FEATURES:
• η
C = 60 % min. @ 100 W/150 MHz
• P
G = 6.0 dB min. @ 100 W/150 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
9.0 A
VCBO
65 V
VEBO
4.0 V
PDISS
117 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
1.5 °C/W
MINIMUM
inches / mm
.220 / 5.59
.720 / 18.28
.125 / 3.18
.245 / 6.22
.970 / 24.64
B
C
D
E
F
G
A
MAXIMUM
.255 / 6.48
.980 / 24.89
.7.30 / 18.54
inches / mm
.230 / 5.84
H
.003 / 0.08
.007 / 0.18
DIM
K
L
I
J
.090 / 2.29
.150 / 3.81
.980 / 24.89
.110 / 2.79
.175 / 4.45
1.050 / 26.67
H
I
K
J
.112x45°
FULL R
C
E
B
G
D
F
A
L
Ø.125 NOM.
.125 / 3.18
.495 / 12.57
.505 / 12.83
.280 / 7.11
C
B
E
E


Similar Part No. - 2N6166

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6160 MOTOROLA-2N6160 Datasheet
362Kb / 4P
Silicon Bidirectional Triode Thyristors
logo
Digitron Semiconductors
2N6160 DIGITRON-2N6160 Datasheet
282Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
logo
Motorola, Inc
2N6161 MOTOROLA-2N6161 Datasheet
362Kb / 4P
Silicon Bidirectional Triode Thyristors
logo
Digitron Semiconductors
2N6161 DIGITRON-2N6161 Datasheet
282Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
logo
Motorola, Inc
2N6162 MOTOROLA-2N6162 Datasheet
362Kb / 4P
Silicon Bidirectional Triode Thyristors
More results

Similar Description - 2N6166

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com