Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR433ARMZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADR433ARMZ
Description  Ultralow Noise XFET Voltage References with Current Sink and Source Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR433ARMZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADR433ARMZ Datasheet HTML 12Page - Analog Devices ADR433ARMZ Datasheet HTML 13Page - Analog Devices ADR433ARMZ Datasheet HTML 14Page - Analog Devices ADR433ARMZ Datasheet HTML 15Page - Analog Devices ADR433ARMZ Datasheet HTML 16Page - Analog Devices ADR433ARMZ Datasheet HTML 17Page - Analog Devices ADR433ARMZ Datasheet HTML 18Page - Analog Devices ADR433ARMZ Datasheet HTML 19Page - Analog Devices ADR433ARMZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADR430/ADR431/ADR433/ADR434/ADR435/ADR439
Rev. B | Page 16 of 24
APPLICATIONS
OUTPUT ADJUSTMENT
The ADR43x trim terminal can be used to adjust the output
voltage over a ±0.5% range. This feature allows the system
designer to trim system errors out by setting the reference to a
voltage other than the nominal. This is also helpful if the part is
used in a system at temperature to trim out any error. Adjustment
of the output has negligible effect on the temperature perform-
ance of the device. To avoid degrading temperature coefficients,
both the trimming potentiometer and the two resistors need to
be low temperature coefficient types, preferably <100 ppm/°C.
INPUT
OUTPUT
TRIM
VIN
VO = ±0.5%
GND
R1
470k
Ω
R2
10k
Ω (ADR420)
15k
Ω (ADR421)
RP
10k
Ω
ADR43x
VO
Figure 31. Output Trim Adjustment
REFERENCE FOR CONVERTERS IN OPTICAL
NETWORK CONTROL CIRCUITS
In the upcoming high capacity, all-optical router network,
Figure 32 employs arrays of micromirrors to direct and route
optical signals from fiber to fiber without first converting them
to electrical form, which reduces the communication speed.
The tiny micromechanical mirrors are positioned so that each is
illuminated by a single wavelength that carries unique informa-
tion and can be passed to any desired input and output fiber.
The mirrors are tilted by the dual-axis actuators controlled by
precision ADCs and DACs within the system. Due to the
microscopic movement of the mirrors, not only is the precision
of the converters important, but the noise associated with these
controlling converters is also extremely critical, because total
noise within the system can be multiplied by the number of
converters employed. As a result, to maintain the stability of the
control loop for this application, the ADR43x is necessary due
to its exceptionally low noise.
GND
SOURCE FIBER
GIMBAL + SENSOR
DESTINATION
FIBER
ACTIVATOR
RIGHT
MEMS MIRROR
LASER BEAM
ACTIVATOR
LEFT
AMPL
PREAMP
AMPL
CONTROL
ELECTRONICS
DAC
ADC
DAC
DSP
ADR431
ADR431
ADR431
Figure 32. All-Optical Router Network
NEGATIVE PRECISION REFERENCE WITHOUT
PRECISION RESISTORS
In many current-output CMOS DAC applications where the
output signal voltage must be of the same polarity as the
reference voltage, it is often required to reconfigure a current-
switching DAC into a voltage-switching DAC through the use
of a 1.25 V reference, an op amp, and a pair of resistors. Using a
current-switching DAC directly requires an additional opera-
tional amplifier at the output to re-invert the signal. A negative
voltage reference is then desirable from the standpoint that an
additional operational amplifier is not required for either
re-inversion (current-switching mode) or amplification
(voltage-switching mode) of the DAC output voltage. In
general, any positive voltage reference can be converted into a
negative voltage reference through the use of an operational
amplifier and a pair of matched resistors in an inverting
configuration. The disadvantage to this approach is that the
largest single source of error in the circuit is the relative
matching of the resistors used.
A negative reference can easily be generated by adding a
precision op amp and configuring it as shown in Figure 33.
VOUT is at virtual ground and, therefore, the negative reference
can be taken directly from the output of the op amp. The op
amp must be dual supply, have low offset and rail-to-rail
capability, if negative supply voltage is close to the reference
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com