Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4423P Datasheet(PDF) 2 Page - Texas Instruments

Part # 4423P
Description  Precision Quadrature Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

4423P Datasheet(HTML) 2 Page - Texas Instruments

  4423P Datasheet HTML 1Page - Texas Instruments 4423P Datasheet HTML 2Page - Texas Instruments 4423P Datasheet HTML 3Page - Texas Instruments 4423P Datasheet HTML 4Page - Texas Instruments 4423P Datasheet HTML 5Page - Texas Instruments 4423P Datasheet HTML 6Page - Texas Instruments 4423P Datasheet HTML 7Page - Texas Instruments 4423P Datasheet HTML 8Page - Texas Instruments 4423P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4423
SBFS020A − JANUARY 1978 − REVISED JUNE 2004
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR(1)
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING NUMBER
TRANSPORT MEDIA,
QUANTITY
4423
PDIP-14
NSQ
0
°C to +70°C
4423P
4423P
Tube, 50
(1) For the most current package and ordering information, see the package option addendum located at the end of this data sheet.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
4423
UNIT
Supply voltage
±18
V
Output short to common
Continuous
Operating temperature
−25 to +85
°C
Storage temperature
−55 to +125
°C
Lead temperature (soldering, 10s)
300
°C
(1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com