Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5667S Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N5667S
Description  NPN POWER SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/455
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5667S Datasheet(HTML) 1 Page - Microsemi Corporation

  2N5667S Datasheet HTML 1Page - Microsemi Corporation 2N5667S Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN POWER SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/455
Devices
Qualified Level
Devices
Qualified Level
2N5664
2N5665
JAN
JANTX
JANTXV
2N5666
2N5666S
2N5667
2N5667S
JAN
JANTX
JANTXV
JANS
MAXIMUM RATINGS
Ratings
Symbol
2N5664
2N5666, S
2N5665
2N5667, S Unit
Collector-Emitter Voltage
VCEO
200
300
Vdc
Collector-Base Voltage
VCBO
250
400
Vdc
Emitter-Base Voltage
VEBO
6.0
Vdc
Base Current
IB
1.0
Adc
Collector Current
IC
5.0
Adc
2N5664
2N5665
2N5666, S
2N5667, S
Total Power Dissipation
@ TA = +25
0C
@ TC = +100
0C
PT
2.5
(1)
30
(3)
1.2
(2)
15
(4)
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
1)
Derate linearly 14.3 mW/
0C for TA > +250C
2)
Derate linearly 6.9 mW/
0C for TA > +250C
3)
Derate linearly 300 mW/
0C for TC >+1000C
4)
Derate linearly 150 mW/
0C for TC > +1000C
TO-66* (TO-213AA)
2N5664, 2N5665
TO-5*
2N5666, 2N5667
TO-39* (TO-205AD)
2N5666S, 2N5667S
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TC = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 10 mAdc
2N5664, 2N5666, S
2N5665, 2N5667, S
V(BR)CER
250
400
Vdc
Emitter-Base Breakdown Voltage
IE = 10 µAdc
V(BR)EBO
6.0
Vdc
Collector-Emitter Cutoff Current
VCE = 200 Vdc
2N5664, 2N5666, S
VCE = 300 Vdc
2N5665, 2N5667, S
ICES
0.2
0.2
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N5667S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N5667S MICROSEMI-2N5667S Datasheet
118Kb / 3P
NPN POWER SILICON SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5667S NJSEMI-2N5667S Datasheet
94Kb / 2P
Devices
logo
Microsemi Corporation
2N5667SJANTXV MICROSEMI-2N5667SJANTXV Datasheet
118Kb / 3P
NPN POWER SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N5667S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3418JAN MICROSEMI-2N3418JAN Datasheet
55Kb / 2P
NPN MEDUIM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/393
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JANTX2N3743 MICROSEMI-JANTX2N3743 Datasheet
60Kb / 2P
PNP HIGH VOLTAGE SILICON TRANSISTOR Qualified per MIL-PRF-19500/397
JANTX2N4399 MICROSEMI-JANTX2N4399 Datasheet
58Kb / 2P
PNP HIGH POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/433
JANS2N2222A MICROSEMI-JANS2N2222A Datasheet
142Kb / 6P
NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
JANTX2N5680 MICROSEMI-JANTX2N5680 Datasheet
57Kb / 2P
PNP POWER TRANSISTOR SILICON AMPLIFIER Qualified per MIL-PRF-19500/582
JANTXV2N6193 MICROSEMI-JANTXV2N6193 Datasheet
60Kb / 2P
PNP MEDIUM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/561
JANTX2N3902 MICROSEMI-JANTX2N3902 Datasheet
60Kb / 2P
NPN HIGH POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/371
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com