Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY22381SC-RGLT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY22381SC-RGLT
Description  Three-PLL General Purpose FLASH Programmable Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22381SC-RGLT Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY22381SC-RGLT Datasheet HTML 1Page - Cypress Semiconductor CY22381SC-RGLT Datasheet HTML 2Page - Cypress Semiconductor CY22381SC-RGLT Datasheet HTML 3Page - Cypress Semiconductor CY22381SC-RGLT Datasheet HTML 4Page - Cypress Semiconductor CY22381SC-RGLT Datasheet HTML 5Page - Cypress Semiconductor CY22381SC-RGLT Datasheet HTML 6Page - Cypress Semiconductor CY22381SC-RGLT Datasheet HTML 7Page - Cypress Semiconductor CY22381SC-RGLT Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CY22381
Document #: 38-07012 Rev. *D
Page 6 of 8
Test Circuit
Ordering Information
Ordering Code
Package Type
Operating Range
Operating Voltage
CY22381FC
8-SOIC
Commercial (TA=0°C to 70°C)
3.3V
CY22381FCT
8-SOIC – Tape and Reel
Commercial (TA=0°C to 70°C)
3.3V
CY22381FI
8-SOIC
Industrial (TA=–40°C to 85°C)
3.3V
CY22381FIT
8-SOIC – Tape and Reel
Industrial (TA=–40°C to 85°C)
3.3V
CY22381SC-xxx[7]
8-SOIC
Commercial (TA=0°C to 70°C)
3.3V
CY22381SC-xxxT[7]
8-SOIC – Tape and Reel
Commercial (TA=0°C to 70°C)
3.3V
CY22381SI-xxx[7]
8-SOIC
Industrial (TA=–40°C to 85°C)
3.3V
CY22381SI-xxxT[7]
8-SOIC – Tape and Reel
Industrial (TA=–40°C to 85°C)
3.3V
CY3672
Lead-Free
CY22381FXC
8-SOIC
Commercial (TA=0°C to 70°C)
3.3V
CY22381FXCT
8-SOIC – Tape and Reel
Commercial (TA=0°C to 70°C)
3.3V
CY22381FXI
8-SOIC
Industrial (TA=–40°C to 85°C)
3.3V
CY22381FXIT
8-SOIC – Tape and Reel
Industrial (TA=–40°C to 85°C)
3.3V
CY22381SXC-xxx[7]
8-SOIC
Commercial (TA=0°C to 70°C)
3.3V
CY22381SXC-xxxT[7]
8-SOIC – Tape and Reel
Commercial (TA=0°C to 70°C)
3.3V
CY22381SXI-xxx[7]
8-SOIC
Industrial (TA=–40°C to 85°C)
3.3V
CY22381SXI-xxxT[7]
8-SOIC – Tape and Reel
Industrial (TA=–40°C to 85°C)
3.3V
Notes:
7. The CY22381SC-xxx and CY22381SI-xxx are factory programmed configurations. Factory programming is available for high-volume design opportunities of
100Ku/year or more in production. For more details, contact your local Cypress FAE or Cypress Sales Representative.
Switching Waveforms (continued)
SELECT
OLD SELECT
NEW SELECT STABLE
Fold
Fnew
t7
Frequency Change
OUTPUT
0.1 mF
VDD
CLKout
CLOAD
GND
OUTPUTS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com