Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54LS373 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54LS373
Description  TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS373 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DM54LS373 Datasheet HTML 1Page - National Semiconductor (TI) DM54LS373 Datasheet HTML 2Page - National Semiconductor (TI) DM54LS373 Datasheet HTML 3Page - National Semiconductor (TI) DM54LS373 Datasheet HTML 4Page - National Semiconductor (TI) DM54LS373 Datasheet HTML 5Page - National Semiconductor (TI) DM54LS373 Datasheet HTML 6Page - National Semiconductor (TI) DM54LS373 Datasheet HTML 7Page - National Semiconductor (TI) DM54LS373 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
‘LS373 Switching Characteristics at VCC e 5V and TA e 25 C
(See Section 1 for Test Waveforms and Output Load)
From
RL e 667X
(Input)
Symbol
Parameter
CL e 45 pF
CL e 150 pF
Units
To
Min
Max
Min
Max
(Output)
tPLH
Propagation Delay
Data
Time Low to High
to
18
26
ns
Level Output
Q
tPHL
Propagation Delay
Data
Time High to Low
to
18
27
ns
Level Output
Q
tPLH
Propagation Delay
Enable
Time Low to High
to
30
38
ns
Level Output
Q
tPHL
Propagation Delay
Enable
Time High to Low
to
30
36
ns
Level Output
Q
tPZH
Output Enable
Output
Time to High
Control
28
36
ns
Level Output
to Any Q
tPZL
Output Enable
Output
Time to Low
Control
36
50
ns
Level Output
to Any Q
tPHZ
Output Disable
Output
Time from High
Control
20
ns
Level Output (Note 3)
to Any Q
tPLZ
Output Disable
Output
Time from Low
Control
25
ns
Level Output (Note 3)
to Any Q
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time and the duration should not exceed one second
Note 3
CL e 5 pF
Recommended Operating Conditions
Symbol
Parameter
DM54LS374
DM74LS374
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
07
08
V
IOH
High Level Output Current
b
1
b
26
mA
IOL
Low Level Output Current
12
24
mA
tW
Pulse Width
Clock High
15
15
ns
(Note 4)
Clock Low
15
15
tSU
Data Setup Time (Notes14)
20
u
20
u
ns
tH
Data Hold Time (Notes14)
1
u
1
u
ns
TA
Free Air Operating Temperature
b
55
125
0
70
C
Note 1
The symbol (
u) indicates the rising edge of the clock pulse is used for reference
Note 4
TA e 25 C and VCC e 5V
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com