Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54LS502 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54LS502
Description  8-Bit Successive Approximation Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS502 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM54LS502 Datasheet HTML 1Page - National Semiconductor (TI) DM54LS502 Datasheet HTML 2Page - National Semiconductor (TI) DM54LS502 Datasheet HTML 3Page - National Semiconductor (TI) DM54LS502 Datasheet HTML 4Page - National Semiconductor (TI) DM54LS502 Datasheet HTML 5Page - National Semiconductor (TI) DM54LS502 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF10189
April 1992
DM54LS502DM74LS502
8-Bit Successive Approximation Register
General Description
The LS502 is an 8-bit register with the interstage logic nec-
essary to perform serial-to-parallel conversion and provide
an active LOW Conversion Complete (CC) signal coincident
with storage of the eighth bit An active LOW Start (S) input
performs synchronous initialization which forces Q7 LOW
and all other outputs HIGH Subsequent clocks shift this Q7
LOW signal downstream which simultaneously backfills the
register such that the first serial data (D input) bit is stored in
Q7 the second bit in Q6 the third in Q5 etc The serial
input data is also synchronized by an auxiliary flip-flop and
brought out on QD
Designed primarily for use in the successive approximation
technique for analog-to-digital conversion the LS502 can
also be used as a serial-to-parallel converter ring counter
and as the storage and control element in recursive digital
routines
Features
Y
Low power Schottky version of 2502
Y
Storage and control for successive approximation A to
D conversion
Y
Performs serial-to-parallel conversion
Connection Diagram
Dual-In-Line Package
TLF10189 – 1
Order Number DM54LS502J DM54LS502W
DM74LS502WM or DM74LS502N
See NS Package Number J16A M16B N16E or W16A
Logic Symbol
TLF10189 – 2
VCC e Pin 16
GND e Pin 8
Pin
Description
Names
D
Serial Data Input
S
Start Input (Active LOW)
CP
Clock Pulse Input (Active Rising Edge)
QD
Synchronized Serial Data Output
CC
Conversion Complete Output (Active LOW)
Q0 – Q7
Parallel Register Outputs
Q7
Complement of Q7 Output
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM54LS502

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS502J/883 NSC-DM54LS502J/883 Datasheet
14Kb / 6P
8 - BIT SUCCESSIVE APPROXIMATION REGISTER
DM54LS502W/883 NSC-DM54LS502W/883 Datasheet
14Kb / 6P
8 - BIT SUCCESSIVE APPROXIMATION REGISTER
More results

Similar Description - DM54LS502

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6150 NPC-SM6150 Datasheet
161Kb / 6P
Successive-approximation 8-bit A/D Converter
SM6155P NPC-SM6155P Datasheet
183Kb / 7P
Successive-approximation 8-bit A/D Converter
logo
Fairchild Semiconductor
DM74LS503 FAIRCHILD-DM74LS503 Datasheet
45Kb / 4P
8-Bit Successive Approximation Register (with Expansion Control)
MM74C905 FAIRCHILD-MM74C905 Datasheet
89Kb / 8P
12-Bit Successive Approximation Register
logo
Hitachi Semiconductor
HD14549B HITACHI-HD14549B Datasheet
124Kb / 6P
Successive Approximation Register
logo
National Semiconductor ...
MNDM54LS502-X NSC-MNDM54LS502-X Datasheet
14Kb / 6P
8 - BIT SUCCESSIVE APPROXIMATION REGISTER
logo
List of Unclassifed Man...
ZN439 ETC1-ZN439 Datasheet
344Kb / 25P
8-Bit Successive Approximation A-D Converter
logo
ON Semiconductor
MC14549B ONSEMI-MC14549B_06 Datasheet
98Kb / 9P
Successive Approximation Registers
June, 2006 ??Rev. 6
logo
Linear Dimensions Semic...
LND2907HT LINEAR_DIMENSIONS-LND2907HT Datasheet
100Kb / 1P
10-Bit Successive Approximation Register Analog-to-
logo
Texas Instruments
DM2502 TI1-DM2502_11 Datasheet
447Kb / 10P
Successive Approximation Registers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com