Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5270IPFP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5270IPFP
Description  8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5270IPFP Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5270IPFP Datasheet HTML 6Page - Texas Instruments ADS5270IPFP Datasheet HTML 7Page - Texas Instruments ADS5270IPFP Datasheet HTML 8Page - Texas Instruments ADS5270IPFP Datasheet HTML 9Page - Texas Instruments ADS5270IPFP Datasheet HTML 10Page - Texas Instruments ADS5270IPFP Datasheet HTML 11Page - Texas Instruments ADS5270IPFP Datasheet HTML 12Page - Texas Instruments ADS5270IPFP Datasheet HTML 13Page - Texas Instruments ADS5270IPFP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TEST PATTERNS
ADS5270
SBAS293F – JANUARY 2004 – REVISED JANUARY 2009............................................................................................................................................... www.ti.com
SERIAL INTERFACE REGISTERS
ADDRESS
DATA
DESCRIPTION
REMARKS
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
LVDS BUFFERS (Register 0)
All Data Outputs
0
0
Normal ADC Output
(default after reset)
0
1
Deskew Pattern
1
0
Sync Pattern
See Test Patterns
1
1
Custom Pattern
0
0
Output Current in LVDS = 3.5mA
(default after reset)
0
1
Output Current in LVDS = 2.5mA
1
0
Output Current in LVDS = 4.5mA
1
1
Output Current in LVDS = 6.0mA
0
0
0
1
CLOCK CURRENT (Register 1)
0
X
X
0
LVDS Clock Output Current
IOUT = 3.5mA (default)
0
X
X
1
2x LVDS Clock Output Current
IOUT = 7.0mA
0
0
0
1
LSB/MSB MODE (Register 1)
0
0
X
X
LSB First Mode
(default after reset)
0
1
X
X
MSB First Mode
0
0
1
0
POWER-DOWN ADC CHANNELS
(Register 2)
X
X
X
X
Example: 1010 Powers Down
Power-Down Channels 1 to 4; D3 is
Channels 4 and 2 and
for Channel 4 and D0 for Channel 1
Keeps Channels 1 and 3 Active
0
0
1
1
POWER-DOWN ADC CHANNELS
(Register 3)
X
X
X
X
Power-Down Channels 5 to 8; D3 is
for Channel 8 and D0 for Channel 5
CUSTOM PATTERN (Registers 4–6)
D3
D2
D1
D0
Bits for Custom Pattern
See Test Patterns
0
1
0
0
X
X
X
X
0
1
0
1
X
X
X
X
0
1
1
0
X
X
X
X
Serial Output(1)
LSB
MSB
ADC Output(2)
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
Deskew Pattern
1
0
1
0
1
0
1
0
1
0
1
0
Sync Pattern
0
0
0
0
0
0
1
1
1
1
1
1
Custom Pattern(3)
D0(4)
D1(4)
D2(4)
D3(4)
D0(5)
D1(5)
D2(5)
D3(5)
D0(6)
D1(6)
D2(6)
D3(6)
(1)
The serial output stream comes out LSB first by default.
(2)
D11...D0 represent the 12 output bits from the ADC.
(3)
D0(4) represents the content of bit D0 of register 4, D3(6) represents the content of bit D3 of register 6, etc.
10
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com