Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5270IPFPG4 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS5270IPFPG4
Description  8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5270IPFPG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5270IPFPG4 Datasheet HTML 9Page - Texas Instruments ADS5270IPFPG4 Datasheet HTML 10Page - Texas Instruments ADS5270IPFPG4 Datasheet HTML 11Page - Texas Instruments ADS5270IPFPG4 Datasheet HTML 12Page - Texas Instruments ADS5270IPFPG4 Datasheet HTML 13Page - Texas Instruments ADS5270IPFPG4 Datasheet HTML 14Page - Texas Instruments ADS5270IPFPG4 Datasheet HTML 15Page - Texas Instruments ADS5270IPFPG4 Datasheet HTML 16Page - Texas Instruments ADS5270IPFPG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
DEFINITION OF SPECIFICATIONS
Analog Bandwidth
Minimum Conversion Rate
Signal-to-Noise and Distortion (SINAD)
Aperture Delay
Aperture Uncertainty (Jitter)
SINAD + 10Log10
P
S
P
N
) PD
Clock Duty Cycle
Signal-to-Noise Ratio (SNR)
Differential Nonlinearity (DNL)
SNR + 10Log10
P
S
P
N
Effective Number of Bits (ENOB)
Spurious-Free Dynamic Range
ENOB +
SINAD * 1.76
6.02
Two-Tone, Third-Order Intermodulation
Integral Nonlinearity (INL)
Maximum Conversion Rate
ADS5270
www.ti.com............................................................................................................................................... SBAS293F – JANUARY 2004 – REVISED JANUARY 2009
The analog input frequency at which the spectral
This is the minimum sampling rate where the ADC
power of the fundamental frequency (as determined
still works.
by FFT analysis) is reduced by 3dB.
SINAD is the ratio of the power of the fundamental
The delay in time between the rising edge of the input
(PS) to the power of all the other spectral components
sampling clock and the actual time at which the
including noise (PN) and distortion (PD), but not
sampling occurs.
including dc.
The sample-to-sample variation in aperture delay.
SINAD is either given in units of dBc (dB to carrier)
when the absolute power of the fundamental is used
as the reference, or dBFS (dB to full-scale) when the
Pulse width high is the minimum amount of time that
power of the fundamental is extrapolated to the
the ADCLK pulse should be left in logic ‘1’ state to
full-scale range of the converter.
achieve rated performance. Pulse width low is the
minimum time that the ADCLK pulse should be left in
a low state (logic ‘0’). At a given clock rate, these
SNR is the ratio of the power of the fundamental (PS)
specifications define an acceptable clock duty cycle.
to the noise floor power (PN), excluding the power at
dc and the first eight harmonics.
An ideal ADC exhibits code transitions that are
exactly 1 LSB apart. DNL is the deviation of any
single LSB transition at the digital output from an
SNR is either given in units of dBc (dB to carrier)
ideal 1 LSB step at the analog input. If a device
when the absolute power of the fundamental is used
claims to have no missing codes, it means that all
as the reference, or dBFS (dB to full-scale) when the
possible codes (for a 12-bit converter, 4096 codes)
power of the fundamental is extrapolated to the
are present over the full operating range.
full-scale range of the converter.
The ENOB is a measure of converter performance as
The ratio of the power of the fundamental to the
compared
to
the
theoretical
limit
based
on
highest other spectral component (either spur or
quantization noise.
harmonic). SFDR is typically given in units of dBc (dB
to carrier).
Distortion
INL is the deviation of the transfer function from a
Two-tone
IMD3
is
the
ratio
of
power
of
the
reference line measured in fractions of 1 LSB using a
fundamental (at frequencies f1 and f2) to the power of
best straight line or best fit determined by a least
the
worst
spectral
component
of
third-order
square curve fit. INL is independent from effects of
intermodulation distortion at either frequency 2f1 – f2
offset, gain or quantization errors.
or 2f2 – f1. IMD3 is either given in units of dBc (dB to
carrier) when the absolute power of the fundamental
is used as the reference, or dBFS (dB to full-scale)
when the power of the fundamental is extrapolated to
The encode rate at which parametric testing is
the full-scale range of the converter.
performed. This is the maximum sampling rate where
certified operation is given.
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS5270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com