Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5521IPAPRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5521IPAPRG4
Description  12-Bit, 105MSPS Analog-To-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5521IPAPRG4 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5521IPAPRG4 Datasheet HTML 1Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 2Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 3Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 4Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 5Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 6Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 7Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 8Page - Texas Instruments ADS5521IPAPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADS5521
SBAS309D – MAY 2004 – REVISED OCTOBER 2008 ...................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Typical values given at TA = 25°C, min and max specified over the full recommended operating temperature range, AVDD =
DRVDD = 3.3 V, sampling rate = 105MSPS, 50% clock duty cycle, DLL On, 3-VPP differential clock, and –1dBFS differential
input, unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Dynamic AC Characteristics
fIN = 10 MHz
71
25°C to 85°C
68
70.5
fIN = 55 MHz
Full temp range
66.8
69
Signal-to-noise ratio. SNR
fIN = 70 MHz
70.3
dBFS
fIN = 100 MHz
70
fIN = 150 MHz
69.3
fIN = 220 MHz
67.8
RMS idle channel noise
Input tied to common-mode
0.32
LSB
fIN = 10 MHz
83
25°C
78
86
fIN = 55 MHz
Full temp range
76
85
Spurious-free dynamic range, SFDR
fIN = 70 MHz
81
dBc
fIN = 100 MHz
86
fIN = 150 MHz
75
fIN = 220 MHz
72
fIN = 10 MHz
90
25°C
78
86
fIN = 55 MHz
Full temp range
76
85
Second-harmonic, HD2
fIN = 70 MHz
81
dBc
fIN = 100 MHz
88
fIN = 150 MHz
75
fIN = 220 MHz
72
83
fIN = 10 MHz
88
25°C
78
88
fIN = 55 MHz
Full temp range
76
87
Third-harmonic, HD3
dBc
fIN = 70 MHz
87
fIN = 100 MHz
86
fIN = 150 MHz
80
fIN = 220 MHz
78
Worst-harmonic/spur (other than HD2 and
fIN = 55 MHz
87
dBc
HD3)
fIN = 10 MHz
70.7
25°C
67
70
fIN = 55 MHz
Full temp range
65.8
68.5
Signal-to-noise + distortion, SINAD
fIN = 70 MHz
69.6
dBFS
fIN = 100 MHz
69.3
fIN = 150 MHz
68.2
fIN = 220 MHz
65.8
4
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com