Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF05E2 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LF05E2
Description  LINEARLIGHT FLEX ECO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LF05E2 Datasheet(HTML) 2 Page - OSRAM GmbH

  LF05E2 Datasheet HTML 1Page - OSRAM GmbH LF05E2 Datasheet HTML 2Page - OSRAM GmbH LF05E2 Datasheet HTML 3Page - OSRAM GmbH LF05E2 Datasheet HTML 4Page - OSRAM GmbH LF05E2 Datasheet HTML 5Page - OSRAM GmbH LF05E2 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LINEARLIGHT FLEX ECO | LF05E2 | TECHNICAL DATASHEET
Due to the special conditions of manufacturing processes of LED, the typical data of technical parameters can only reflect st atistical figures and do not
necessarily correspond to the actual parameters of each single product which could differ from the typical data.
Subject to change without notice. Errors and omissions excepted.
Version: 2016-04-07
02
TECHNICAL OPERATING DATA FOR COMPLETE REEL
Product
Order Code
Power [W]
Current [A]
Luminous Flux [lm]
Module Length [m]
LF05E2-W2F-824
4052899942790
30.0
1.3
2,200
10
LF05E2-W2F-827
4008321971357
36.0
1.5
2,050
10
LF05E2-W2F-830
4052899928435
36.0
1.5
2,200
10
LF05E2-W2F-840
4052899928442
36.0
1.5
2,400
10
LF05E2-W2F-865
4008321971418
36.0
1.5
2,200
10
LF05E2-W2F-824
4052899942790
30.0
1.3
2,200
10
Technical Specifications
GENERAL
Dimmable
Pulse width modulation (PWM)
Binning
Fine white (3 step MacAdam ellipse)
Lifetime
50,000 h (L70B50, Tc max)
Adhesive tape on backside
3M F 9460
Complementary systems
CONNECTsystem, SLIMCONNECTsystem, SLIM TRACK, OPTOTRONIC
Certifications
CE, UL8750 recognized, UL2108 listed, EAC, RoHS compliant
OPERATING CONDITIONS
Operating temperature at Tc-Point [°C]
-20 – 75
Storage temperature [°C]
-20 – 75
Voltage range [V dc]
23 – 25
Reverse Voltage [V dc]
25
‒
Exceeding maximum ratings for operating and storage temperature will reduce expected life time or destroy the LED Module.
‒
Exceeding maximum ratings for operating voltage will cause hazardous overload and will likely destroy the LED Module.
‒
The temperature of the LED module must be measured at the Tc-point according to EN60598-1 in a thermally constant status with a
temperature sensor or a temperature sensitive label. For exact location of the Tc -point see drawing below.
Technical Drawings
Tc



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com