Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF521 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IRF521
Description  isc N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF521 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IRF521 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF521 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
IRF520
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 0.25mA
80
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= 0.25mA
2
4
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 5.6A
0.27
Ω
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0
±500
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 80V; VGS=0
250
uA
VSD
Forward On-Voltage
IS= 9.2A; VGS=0
2.5
V
Ciss
Input Capacitance
VDS=25V,VGS=0V,
F=1.0MHz
350
pF
Coss
Output Capacitance
130
pF
Crss
Reverse Transfer Capacitance
25
pF
·SWITCHING CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Td(on)
Turn-on Delay Time
VDD=50V,ID=9.2A
VGS=10V,RGEN=18Ω
RGS=18Ω
9
13
ns
Tr
Rise Time
30
45
ns
Td(off)
Turn-off Delay Time
18
29
ns
Tf
Fall Time
20
30
ns
PDF pdfFactory Pro
www.fineprint.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com