Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CER0342A Datasheet(PDF) 1 Page - CTS Corporation

Part # CER0342A
Description  Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0342A Datasheet(HTML) 1 Page - CTS Corporation

  CER0342A Datasheet HTML 1Page - CTS Corporation CER0342A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CER0342A
1.9125 MHz BPF
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Features
•Low Loss
• Low Ripple
Description
Surface mount, silver (Ag) coated ceramic
filter for use in broadband applications.
Weight:
.98 grams typical.
Material:
Filter is composed of a ceramic
block plated with Ag.
Filter complies with RoHS standards.
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to
measurement repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Electrical Specifications
Parameter
Frequency
MHz
Typical
@ 25ºC
Specification
@ 25ºC
Spec over
-40ºC to +85ºC
Response
Passband Iloss
1800 - 2025
-1.2
-1.3
-1.5
Passband Ripple
1800 - 2025
0.7
0.9
1.0
Passband Return Loss
1800 - 2025
-13.5
-12.0
-12.0
Attenuation
1575
-49.0
-25.0
-25.0
3300 - 3800
-42.0
-35.0
-35.0
3800 - 4050
-37.0
-15.0
-15.0
Power into any port
1 Watt max
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US
6,834,429.Other US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”
Rev 1 – Origin Date: April 7, 2006 – Revision Date: June 7, 2006


Similar Part No. - CER0342A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0347B CTS-CER0347B Datasheet
85Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter.
CER0348B CTS-CER0348B Datasheet
86Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter.
CER0349B CTS-CER0349B Datasheet
73Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter.
CER0349D CTS-CER0349D Datasheet
73Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter.
CER0349E CTS-CER0349E Datasheet
79Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter.
More results

Similar Description - CER0342A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0183A CTS-CER0183A Datasheet
103Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0273B CTS-CER0273B Datasheet
116Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0279B CTS-CER0279B Datasheet
71Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0293A CTS-CER0293A Datasheet
104Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0293B CTS-CER0293B Datasheet
56Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0307B CTS-CER0307B Datasheet
88Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0309B CTS-CER0309B Datasheet
218Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0311B CTS-CER0311B Datasheet
68Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0312A CTS-CER0312A Datasheet
201Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0373B CTS-CER0373B Datasheet
83Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com