Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CER0366A Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0366A
Description  Surface mount, silver (Ag) coated ceramic filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0366A Datasheet(HTML) 2 Page - CTS Corporation

  CER0366A Datasheet HTML 1Page - CTS Corporation CER0366A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0366A
1747.5 MHz Monoblock LR Series BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Dim
Nominal
(mm)
Tolerance (mm)
+/- or max
A
32.5
max
B
9.1
max
C
2.03
0.13
D
1.27
0.13
E
1.27
0.13
F
9.75
0.13
G
9.75
0.13
H
8.44
max
I
2.03
0.13
J
11.3
max
K
6.50
0.13
Customer Feed Direction
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Under Construction
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1600
1650
1700
1750
1800
1850
1900
-50
-40
-30
-20
-10
0
10
20
30
40
50
INPUT
OUTPUT
Rev 3 – Origin Date: March 7, 2006 – Revision Date: August 3, 2007



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com