Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AS21 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS21
Description  DUAL 4-INPUT POSITIVE-AND GATES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS21 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS21 Datasheet HTML 1Page - Texas Instruments SN74AS21 Datasheet HTML 2Page - Texas Instruments SN74AS21 Datasheet HTML 3Page - Texas Instruments SN74AS21 Datasheet HTML 4Page - Texas Instruments SN74AS21 Datasheet HTML 5Page - Texas Instruments SN74AS21 Datasheet HTML 6Page - Texas Instruments SN74AS21 Datasheet HTML 7Page - Texas Instruments SN74AS21 Datasheet HTML 8Page - Texas Instruments SN74AS21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54ALS21A, SN54AS21, SN74ALS21A, SN74AS21
DUAL 4INPUT POSITIVEAND GATES
SDAS085B − APRIL 1982 − REVISED DECEMBER 1994
Copyright
1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
• Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These devices contain two independent 4-input
positive-AND gates. They perform the Boolean
functions Y = A
• B • C • D or Y = A + B + C + D
in positive logic.
The
SN54ALS21A
and
SN54AS21
are
characterized for operation over the full military
temperature range of − 55
°C to 125°C. The
SN74ALS21A and SN74AS21 are characterized
for operation from 0
°C to 70°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
D
OUTPUT
Y
H
H
H
H
H
L
XX
X
L
X
LX
X
L
X
XL
X
L
X
X
X
L
L
logic symbol†
logic diagram (positive logic)
&
1Y
6
2Y
8
1
1A
2
1B
4
1C
5
1D
9
2A
10
2B
12
2C
13
2D
1Y
1D
1A
1B
1C
2C
2B
2A
2D
2Y
1
2
4
5
9
10
12
13
6
8
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
SN54ALS21A, SN54AS21 ...J PACKAGE
SN74ALS21A, SN74AS21 ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
NC
1C
1D
1Y
GND
VCC
2D
2C
NC
2B
2A
2Y
SN54ALS21A, SN54AS21 . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
2C
NC
NC
NC
2B
NC
NC
1C
NC
1D
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74AS21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS21 TI-SN74AS21 Datasheet
84Kb / 5P
DUAL 4-INPUT POSITIVE-AND GATES
SN74AS21 TI1-SN74AS21 Datasheet
815Kb / 17P
DUAL 4-INPUT POSITIVE-AND GATES
SN74AS21 TI1-SN74AS21 Datasheet
1Mb / 17P
DUAL 4-INPUT POSITIVE-AND GATES
SN74AS21D TI-SN74AS21D Datasheet
84Kb / 5P
DUAL 4-INPUT POSITIVE-AND GATES
SN74AS21D TI1-SN74AS21D Datasheet
1Mb / 17P
DUAL 4-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74AS21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F21 TI-SN54F21 Datasheet
67Kb / 5P
DUAL 4-INPUT POSITIVE-AND GATES
SN54LS21 TI-SN54LS21 Datasheet
509Kb / 12P
DUAL 4-INPUT POSITIVE-AND GATES
logo
Hitachi Semiconductor
HD74LV21A HITACHI-HD74LV21A Datasheet
54Kb / 12P
Dual 4-input Positive AND Gates
logo
List of Unclassifed Man...
GD74LS21 ETC1-GD74LS21 Datasheet
96Kb / 2P
DUAL 4-INPUT POSITIVE AND GATES
logo
Texas Instruments
SN54HC21 TI-SN54HC21_06 Datasheet
425Kb / 14P
DUAL 4-INPUT POSITIVE-AND GATES
SN54LV21A TI-SN54LV21A_04 Datasheet
318Kb / 11P
DUAL 4-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LV21A RENESAS-HD74LV21A Datasheet
70Kb / 9P
Dual 4-input Positive AND Gates
HD74LS21 RENESAS-HD74LS21 Datasheet
55Kb / 5P
Dual 4-input Positive AND Gates
logo
Texas Instruments
SN54LS21 TI1-SN54LS21_15 Datasheet
840Kb / 16P
DUAL 4-INPUT POSITIVE-AND GATES
SN54ALS21A TI1-SN54ALS21A_18 Datasheet
1Mb / 17P
DUAL 4-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com