Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7828E/2K5G4 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7828E/2K5G4
Description  ANALOG-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7828E/2K5G4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS7828E/2K5G4 Datasheet HTML 9Page - Texas Instruments ADS7828E/2K5G4 Datasheet HTML 10Page - Texas Instruments ADS7828E/2K5G4 Datasheet HTML 11Page - Texas Instruments ADS7828E/2K5G4 Datasheet HTML 12Page - Texas Instruments ADS7828E/2K5G4 Datasheet HTML 13Page - Texas Instruments ADS7828E/2K5G4 Datasheet HTML 14Page - Texas Instruments ADS7828E/2K5G4 Datasheet HTML 15Page - Texas Instruments ADS7828E/2K5G4 Datasheet HTML 16Page - Texas Instruments ADS7828E/2K5G4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ADS7828
13
SBAS181C
www.ti.com
FIGURE 4. Typical Read Sequence in HS Mode.
READING IN HS MODE
High Speed (HS) mode is fast enough that codes can be
read out one at a time. In HS mode, there is not enough time
for a single conversion to complete between the reception of
a repeated START condition and the read-addressing byte,
so the ADS7828 stretches the clock after the read-address-
ing byte has been fully received, holding it LOW until the
conversion is complete.
See Figure 4 for a typical read sequence for HS mode.
Included in the read sequence is the shift from F/S to HS
modes. It may be desirable to remain in HS mode after
reading a conversion; to do this, issue a repeated START
instead of a STOP at the end of the read sequence, since a
STOP causes the part to return to F/S mode.
Sr
A1
10
010
A0
RA
SX
00
001
X
X
N
Sr
A1
10
010
A0
W
ASD
C2 C1 C0 PD1 PD0 XXA
000
0
D11 D10 D9 D8
AD7 D6 . . .D1 D0
NP
F/S Mode
HS Mode Master Code
HS Mode Enabled
HS Mode Enabled
ADC Power-Down Mode
ADC Sampling Mode
ADC Converting Mode
Command Byte
Write-Addressing Byte
Read-Addressing Byte
HS Mode Enabled
Return to F/S Mode(1)
ADC Power-Down Mode
(depending on power-down selection bits)
2 x (8 Bits + ack/not-ack)
From Master to Slave
A = acknowledge (SDA LOW)
N = not acknowledge (SDA HIGH)
S = START Condition
P = STOP Condition
Sr = repeated START condition
W = '0' (WRITE)
R = '1' (READ)
From Slave to Master
NOTES: (1) To remain in HS mode, use repeated START instead of STOP.
(2) SCLH is SCL in HS mode.
SCLH(2) is stretched LOW waiting for data conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com