Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS273 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LS273
Description  8-Bit Register with Clear
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LS273 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  74LS273 Datasheet HTML 1Page - National Semiconductor (TI) 74LS273 Datasheet HTML 2Page - National Semiconductor (TI) 74LS273 Datasheet HTML 3Page - National Semiconductor (TI) 74LS273 Datasheet HTML 4Page - National Semiconductor (TI) 74LS273 Datasheet HTML 5Page - National Semiconductor (TI) 74LS273 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics VCC ea50V TA ea25 C
CL e 15 pF
Symbol
Parameter
DM54LS
DM74LS
Units
RL e 2kX
Min
Max
Min
Max
fmax
Maximum Clock Frequency
30
30
MHz
tPLH
Propagation Delay
24
24
ns
tPHL
CP to Qn
24
24
tPLH
Propagation Delay
27
27
ns
MR to Qn
Functional Description
The ’LS273 is an 8-bit parallel register with a common Clock
and common Master Reset When the MR input is LOW the
Q outputs are LOW independent of the other inputs Infor-
mation meeting the setup and hold time requirements of the
D inputs is transferred to the Q outputs on the LOW-to-
HIGH transition of the clock input
Truth Table
Inputs
Outputs
MR
CP
Dn
Qn
LX
X
L
H
L
HH
H
L
LL
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
Logic Symbol
TLF9825 – 2
VCC e Pin 20
GND e Pin 10
Logic Diagram
TLF9825 – 3
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com