Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3019 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N3019
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3019 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N3019 Datasheet HTML 1Page - Continental Device India Limited 2N3019 Datasheet HTML 2Page - Continental Device India Limited 2N3019 Datasheet HTML 3Page - Continental Device India Limited 2N3019 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
2N3019
2N3020
TO-39
Metal Can Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
DC Current Gain
hFE*
IC=0.1mA,VCE=10V
2N3019
50
2N3020
30
100
hFE*
IC=10mA,VCE=10V
2N3019
90
2N3020
40
120
hFE*
IC=150mA,VCE=10V
2N3019
100
300
2N3020
40
120
hFE*
IC=500mA,VCE=10V
2N3019
50
2N3020
30
100
hFE*
IC=1A,VCE=10V
2N3019
15
2N3020
15
hFE*
IC=150mA,VCE=10V
2N3019
Tc= -55ºC
40
SMALL SIGNAL CHARACTERISTICS
Small Signal Current Gain
| hfe |
IC=1mA, VCE=5V, f=1KHz
2N3019
80
400
2N3020
30
200
Transition Frequency
fT
IC=50mA, VCE=10V
2N3019
f=20MHz
100
MHz
2N3020
80
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
12
pF
Input Capacitance
Cib
VEB=0.5V, IC=0, f=1MHz
60
pF
Noise Figure
NF
IC=100µA, VCE=10V
2N3019
Rs=1KΩ,f=1KHz
4
dB
Collector Base Time Constant
rbb'cb'c
IC=10mA,VCB=10V, f=4MHz
400
ps
f=1MHz
*Pulse Test: Pulse Width <300
µµs, Duty Cycle <1.0%
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com