Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3956 Datasheet(PDF) 1 Page - InterFET Corporation

Part # 2N3956
Description  N-Channel Dual Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

2N3956 Datasheet(HTML) 1 Page - InterFET Corporation

  2N3956 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
B-5
2N3954, 2N3955, 2N3956
N-Channel Dual Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 50 V
Gate Current
50 mA
Total Device Power Dissipation (each side)
250 mW
@ 85°C Case Temperature (both sides)
500 mW
Power Derating (both sides)
4.3 mW/°C
TOÐ71 Package
See Section G for Outline Dimensions
Pin Configuration
1 Source, 2 Drain, 3 Gate,
5 Source, 6 Drain, 7 Gate
At 25°C free air temperature:
2N3954
2N3955
2N3956
Process NJ16
Static Electrical Characteristics
Min
Max
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 50
– 50
– 50
V
IG = – 1µA, VDS = ØV
Gate Reverse Current
IGSS
– 100
– 100
– 100
pA
VGS = – 30V, VDS = ØV
– 500
– 500
– 500
nA
VGS = – 30V, VDS = ØV
TA = 125°C
Gate Operating Current
IG
– 50
– 50
– 50
pA
VDS = 20V, ID = 200 µA
– 250
– 250
– 250
nA
VDS = 20V, ID = 200 µA
TA = 125°C
Gate Source Voltage
VGS
– 4.2
– 4.2
– 4.2
V
VDS = 20V, ID = 50 µA
– 0.5
– 4
– 0.5
– 4
– 0.5
– 4
V
VDS = 20V, ID = 200 µA
Gate Source Cutoff Voltage
VGS(OFF)
– 1
– 4.5
– 1
– 4.5
– 1
– 4.5
V
VDS = – 20V, IG = 1 nA
Gate Source Forward Voltage
VGS(F)
222
V
VDS = ØV, IG = 1 mA
Drain Saturation Current (Pulsed)
IDSS
0.5
5
0.5
5
0.5
5
mA
VDS = 20V, VGS = ØV
Dynamic Electrical Characteristics
Common Source Forward
gfs
1000
3000
1000
3000
1000
3000
µS
VDS = 20V, VGS = ØV
f = 1 kHz
Transconductance
1000
1000
1000
µS
VDS = 20V, VGS = ØV
f = 200 MHz
Common Source Output Capacitance
gos
35
35
35
µS
VDS = 20V, VGS = ØV
f = 1 kHz
Common Source Input Capacitance
Ciss
444
pF
VDS = 20V, VGS = ØV
f = 1 MHz
Drain Gate Capacitance
Cdgo
1.5
1.5
1.5
pF
Vdg = 10V, IS = ØA
f = 1 MHz
Common Source Reverse
Crss
1.2
1.2
1.2
pF
VDS = 20V, VGS = ØV
f = 1 MHz
Transfer Capacitance
Noise Figure
NF
0.5
0.5
0.5
dB
VDS = 20V, VGS = ØV,
f = 100 Hz
Rg = 10 MΩ
Differential Gate Current
| IG1 – IG2 |
101010
nA
VDS = 20V, ID = 200µA
TA = 125°C
Saturation Drain Current Ratio
IDSS1/IDSS2 0.95
1
0.95
1
0.95
1
VDS = 20V, VGS = ØV
Differential Gate Source Voltage
|VGS1–VGS2|
510
15
mV
VDS = 20V, ID = 200µA
TA = 25°C
Differential Gate Source Voltage
∆VGS1–VGS2
0.8
2
4
mV/°C
VDS = 20V, ID = 200µA
to = – 55°C
with Temperature
∆T
TA = 25°C
1
2.5
5
mV/°C
VDS = 20V, ID = 200µA
to = +125°C
Transconductance Ratio
gfs1/gfs2
0.97
1
0.97
1
0.97
1
VDS = 20V, ID = 200µA
f = 1 kHz
¥ Low and Medium Frequency
Differential Amplifiers
¥ High Input Impedance
Amplifiers
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/14/99 11:29 AM
Page B-5


Similar Part No. - 2N3956

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
2N3956 INTERSIL-2N3956 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N3956 NJSEMI-2N3956 Datasheet
224Kb / 2P
ABSOLUTE MAXIMUM RATINGS
logo
Micross Components
2N3956 MICROSS-2N3956 Datasheet
283Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N3956_PDIP MICROSS-2N3956_PDIP Datasheet
283Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N3956_SOIC MICROSS-2N3956_SOIC Datasheet
283Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
More results

Similar Description - 2N3956

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3958 INTERFET-2N3958 Datasheet
66Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
IFN146 INTERFET-IFN146 Datasheet
89Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN424 INTERFET-IFN424 Datasheet
67Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN5911 INTERFET-IFN5911 Datasheet
71Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
U232 INTERFET-U232 Datasheet
414Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
IFN860 NJSEMI-IFN860 Datasheet
348Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
logo
InterFET Corporation
2N3957 INTERFET-2N3957 Datasheet
72Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
2N5911 INTERFET-2N5911 Datasheet
71Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
2N5912 INTERFET-2N5912 Datasheet
71Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
U430 INTERFET-U430 Datasheet
99Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com