Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF06P2-P Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LF06P2-P
Description  LINEARlight POWER Flex
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LF06P2-P Datasheet(HTML) 1 Page - OSRAM GmbH

  LF06P2-P Datasheet HTML 1Page - OSRAM GmbH LF06P2-P Datasheet HTML 2Page - OSRAM GmbH LF06P2-P Datasheet HTML 3Page - OSRAM GmbH LF06P2-P Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.osram.com/flex
Due to the special conditions of manufacturing processes of LED, the typical data of technical parameters can only reflect statistical figures and do not necessarily
correspond to the actual parameters of each single product which could differ from the typical data.
Subject to change without notice. Errors and omissions excepted. Version: 2016-07-12
LINEARlight POWER Flex® Protect G2.1 (2016) – LF06P2-P
1/4
LINEARlight POWER Flex® Protect G2.1 (2016) – LF06P2-P
Technical Datasheet
Benefits
For outdoor use  IP67
High performance silicone:
extreme long life time: 50.000 h
high flexibility
Premounted feeder for easy connection
NEW: Slimmer Design
-
Reduced height: 3.7 mm
-
Elegant white appearance
-
Electronic components hidden
NEW: Shorter pitch compared to prior generation
Applications
General Lighting
Ships and boats, wall integration
Machine lighting
Path illumination, illuminated signs
Architectural lighting
Quick reference
Product
Order Code
Color
K
W/m
lm/m
lm/W
Shipping Units
LF06P2-W4F-830-P
4052899400030.
white
3000
15.5
1250
81
8
LF06P2-W4F-835-P
4052899372771
white
3500
14.0
1350
96
8
LF06P2-W4F-840-P
4052899372795
white
4000
14.0
1400
100
8
LF06P2-W4F-860-P
4052899372818
white
6000
14.0
1400
100
8
LF06P2-W4F-890-P
4052899372832
white
10,000
15.5
1400
90
8
Technical features
Protection Type
IP 67 (outdoor use)
High performance Silicone
High UV-resistancy
Saltmist proof
Dimmable
Pulse width modulation (PWM)
Binning
Fine white
Lifetime
50,000 h
Adhesive tape on backside
Tesa (High Performance Tape)
Fulfilled standards/tests
Flammability: Glow-wire test with 850°
– EN60598-1
Mixed gas corrosion test
– IEC60068-2-60
Complementary systems
CONNECTsystem IP67 LP, SLIMCONNECTsystem (IP54),
SLIM TRACK, OPTOTRONIC
150
25
11
3.7
5,100
all dimensions in mm


Similar Part No. - LF06P2-P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LF06P2-W5F-824 OSRAM-LF06P2-W5F-824 Datasheet
469Kb / 6P
LINEARLIGHT POWER FLEX
LF06P2-W5F-827 OSRAM-LF06P2-W5F-827 Datasheet
469Kb / 6P
LINEARLIGHT POWER FLEX
LF06P2-W5F-830 OSRAM-LF06P2-W5F-830 Datasheet
469Kb / 6P
LINEARLIGHT POWER FLEX
LF06P2-W5F-840 OSRAM-LF06P2-W5F-840 Datasheet
469Kb / 6P
LINEARLIGHT POWER FLEX
LF06P2-W5F-850 OSRAM-LF06P2-W5F-850 Datasheet
469Kb / 6P
LINEARLIGHT POWER FLEX
More results

Similar Description - LF06P2-P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LM10A OSRAM-LM10A Datasheet
180Kb / 4P
LINEARlight Flex
LM11A OSRAM-LM11A Datasheet
113Kb / 4P
LINEARlight Flex
LM10L OSRAM-LM10L Datasheet
130Kb / 4P
LINEARlight Colormix Flex
70138 OSRAM-70138 Datasheet
312Kb / 4P
LINEARlight POWER FLEX Flexible High Light Output LED Modules
LF05CE-P OSRAM-LF05CE-P Datasheet
518Kb / 4P
LINEARlight Colormix Flex Protect
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
LINEARlight Flex
LF05E2 OSRAM-LF05E2 Datasheet
482Kb / 6P
LINEARLIGHT FLEX ECO
LF06A-P OSRAM-LF06A-P Datasheet
567Kb / 4P
LINEARlight Flex Protect ADVANCED
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
LINEARLIGHT POWER FLEX
LR21P OSRAM-LR21P Datasheet
195Kb / 4P
LINEARlight POWER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com