Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1847 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC1847
Description  Silicon NPN epitaxial planar type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC1847 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC1847 Datasheet HTML 1Page - Panasonic Semiconductor 2SC1847 Datasheet HTML 2Page - Panasonic Semiconductor 2SC1847 Datasheet HTML 3Page - Panasonic Semiconductor 2SC1847 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC1847
2
SJD00095BED
PC  Ta
IC  VCE
VCE(sat)  IC
VBE(sat)  IC
hFE  IC
fT  IE
Cob  VCB
VCER  RBE
ICBO  Ta
0
160
40
120
80
0
1.6
1.2
0.8
0.4
Ambient temperature T
a (°C)
0
1.0
3.0
2.0
4.0
3.5
2.5
1.5
0.5
010
24
8
6
Collector-emitter voltage V
CE (V)
TC=25˚C
30mA
35mA
20mA
25mA
10mA
5mA
15mA
IB=40mA
0.001
0.01
0.1
1
0.01
0.1
1
Collector current I
C (A)
IC/IB=10
–25˚C
25˚C
TC=100˚C
0.01
0.01
1
0.1
0.1
1
10
Collector current I
C (A)
IC/IB=10
TC=–25˚C
25˚C
100˚C
0.01
1
0.1
1
10
100
1000
Collector current I
C (A)
VCE=5V
TC=100˚C
25˚C
–25˚C
−0.01
−0.1
−1
−10
0
240
200
160
120
80
40
Emitter current I
E (A)
VCB=5V
f=200MHz
TC=25˚C
0
1
120
100
80
60
40
20
10
100
Collector-base voltage V
CB (V)
IE=0
f=1MHz
TC=25˚C
0
60
50
40
30
20
10
0.001
0.01
0.1
1
10
Base-emitter resistance R
BE (kΩ)
TC=25˚C
0
100
80
60
40
20
1
1000
100
10
Ambient temperature T
a (°C)
VCB=20V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com