Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2012SN Datasheet(PDF) 13 Page - Texas Instruments

Part # BQ2012SN
Description  Gas Gauge IC With Slow-Charge Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2012SN Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ2012SN Datasheet HTML 9Page - Texas Instruments BQ2012SN Datasheet HTML 10Page - Texas Instruments BQ2012SN Datasheet HTML 11Page - Texas Instruments BQ2012SN Datasheet HTML 12Page - Texas Instruments BQ2012SN Datasheet HTML 13Page - Texas Instruments BQ2012SN Datasheet HTML 14Page - Texas Instruments BQ2012SN Datasheet HTML 15Page - Texas Instruments BQ2012SN Datasheet HTML 16Page - Texas Instruments BQ2012SN Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
The EDVF values are:
Where EDVF is:
0
Valid charge action detected, VSB
≥ 0.95V
1VSB < 0.95V providing that OVLD=0 (see
FLGS2 register description)
Temperature and Gas Gauge Register
(TMPGG)
The read-only TMPGG register (address=02h) contains
two data fields. The first field contains the battery tem-
perature. The second field contains the available charge
from the battery.
The bq2012 contains an internal temperature sensor.
The temperature is used to set charge and discharge ef-
ficiency factors as well as to adjust the self-discharge co-
efficient.
The temperature register contents may be translated as
shown in Table 7.
The bq2012 calculates the available charge as a function
of NAC, temperature, and a full reference, either LMD
or PFC. The results of the calculation are available via
the display port or the gas gauge field of the TMPGG
register. The register is used to give available capacity
in 1
16 increments from 0 to
15
16.
The gas gauge display and the gas gauge portion of the
TMPGG register are adjusted for cold temperature de-
pendencies. A piece-wise correction is performed as fol-
lows:
The adjustment between > 0°C and -20°C<T<0°Chas
a 10°C hysteresis.
Nominal Available Charge Registers
(NACH/NACL)
The read/write NACH high-byte register (address=03h)
and the read-only NACL low-byte register (address=17h)
are the main gas gauging register for the bq2012. The
NAC registers are incremented during charge actions and
decremented during discharge and self-discharge actions.
The correction factors for charge/discharge efficiency are
applied automatically to NAC.
On reset, if PROG6 = Z or low, NACH and NACL are
cleared to 0; if PROG6 = high, NACH = PFC and NACL
= 0. When the bq2012 detects a valid EDV1, NACH and
NACL are reset to 0. Writing to the NAC registers affects
the available charge counts and, therefore, affects the
bq2012 gas gauge operation. Do not write the NAC regis-
ters to a value greater than LMD.
Battery Identification Register (BATID)
The read/write BATID register (address=04h) is avail-
able for use by the system to determine the type of bat-
tery pack. The BATID contents are retained as long as
VCC is greater than 2V. The contents of BATID have no
effect on the operation of the bq2012. There is no de-
fault setting for this register.
Last Measured Discharge Register (LMD)
LMD is a read/write register (address=05h) that the
bq2012 uses as a measured full reference. The bq2012
adjusts LMD based on the measured discharge capacity
13
bq2012
Temperature
Available Capacity Calculation
> 0°C
NAC / “Full Reference”
-20°C < T < 0°C
0.75 * NAC / “Full Reference”
< -20°C
0.5 * NAC / “Full Reference”
TMP3
TMP2
TMP1
TMP0
Temperature
0000
T < -30°C
0001
-30°C < T < -20°C
0010
-20°C < T < -10°C
0011
-10°C < T < 0°C
0100
0°C < T < 10°C
0101
10°C < T < 20°C
0110
20°C < T < 30°C
0111
30°C < T < 40°C
1000
40°C < T < 50°C
1001
50°C < T < 60°C
1010
60°C < T < 70°C
1011
70°C < T < 80°C
1100
T > 80°C
Table 7. Temperature Register Translation
TMPGG Temperature Bits
7
6
5
4
3210
TMP3
TMP2
TMP1
TMP0
-
-
-
TMPGG Gas Gauge Bits
76
5
4
3
2
1
0
-
-
-
-
GG3
GG2
GG1
GG0
FLGS1 Bits
76
5
4
3
2
1
0
-
-
-
-
-
-
-
EDVF
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com