Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3496 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC3496
Description  Silicon NPN triple diffusion planar type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3496 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC3496 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3496 Datasheet HTML 2Page - Panasonic Semiconductor 2SC3496 Datasheet HTML 3Page - Panasonic Semiconductor 2SC3496 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC3496, 2SC3496A
2
SJD00104AED
PC  Ta
IC  VCE
VCE(sat)  IC
VBE(sat)  IC
hFE  IC
fT  IC
ton , tstg , tf  IC
Safe operation area
0
160
40
120
80
0
10
20
30
40
50
Ambient temperature T
a (°C)
(1)TC=Ta
(2)With a 50
×50×2mm
Al heat sink
(3)Without heat sink
(PC=1.3W)
(1)
(3)
(2)
0
012
210
48
6
1.2
1.0
0.8
0.6
0.4
0.2
Collector-emitter voltage V
CE (V)
TC=25˚C
90mA
80mA
70mA
60mA
50mA
40mA
30mA
20mA
10mA
100mA
IB=200mA
0.01
0.1
1
0.01
0.1
1
Collector current I
C (A)
IC/IB=5
–25˚C
25˚C
TC=100˚C
0.01
0.01
0.1
1
0.1
1
Collector current I
C (A)
IC/IB=5
TC=–25˚C
25˚C
100˚C
0.01
1
0.1
0.1
1
10
100
Collector current I
C (A)
VCE=5V
TC=100˚C
25˚C
–25˚C
0.001
0.01
0.1
1
0.1
1
10
100
1 000
Collector current I
C (A)
VCE=10V
f=1MHz
TC=25˚C
0.01
0.1
1
10
100
0
1.0
0.8
0.6
0.4
0.2
Collector current I
C (A)
Pulsed tw=1ms
Duty cycle=1%
IC/IB=5(2IB1=–IB2)
VCC=250V
TC=25˚C
tstg
tf
ton
0.001
1
0.01
0.1
1
10
10
100
1 000
Collector-emitter voltage V
CE (V)
Non repetitive pulse
TC=25˚C
ICP
IC
t=10ms
300ms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com