Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8341 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS8341
Description  16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8341 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS8341_15 Datasheet HTML 9Page - Texas Instruments ADS8341_15 Datasheet HTML 10Page - Texas Instruments ADS8341_15 Datasheet HTML 11Page - Texas Instruments ADS8341_15 Datasheet HTML 12Page - Texas Instruments ADS8341_15 Datasheet HTML 13Page - Texas Instruments ADS8341_15 Datasheet HTML 14Page - Texas Instruments ADS8341_15 Datasheet HTML 15Page - Texas Instruments ADS8341_15 Datasheet HTML 16Page - Texas Instruments ADS8341_15 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADS8341
13
SBAS136D
TABLE IV. Descriptions of the Control Bits within the
Control Byte.
BIT
NAME
DESCRIPTION
7
S
Start Bit. Control byte starts with first HIGH bit on
DIN.
6 - 4
A2 - A0
Channel Select Bits. Along with the SGL/DIF bit,
these bits control the setting of the multiplexer input,
see Tables I and II.
2
SGL/DIF
Single-Ended/Differential Select Bit. Along with bits
A2 - A0, this bit controls the setting of the multiplexer
input, see Tables I and II.
1 - 0
PD1 - PD0
Power-Down Mode Select Bits. See Table V for
details.
PD0 = 1 for external clock mode. After enabling the re-
quired clock mode, only then should the ADS8341 be set to
power-down between conversions (i.e., PD1 = PD0 = 0).
The ADS8341 maintains the clock mode it was in prior to
entering the power-down modes.
External Clock Mode
In external clock mode, the external clock not only shifts
data in and out of the ADS8341, it also controls the A/D
conversion steps. BUSY will go HIGH for one clock period
after the last bit of the control byte is shifted in. Successive-
approximation bit decisions are made and appear at DOUT
on each of the next 16 DCLK falling edges (see Figure 3).
Figure 4 shows the BUSY timing in external clock mode.
Since one clock cycle of the serial clock is consumed with
BUSY going high (while the MSB decision is being made),
16 additional clocks must be given to clock out all 16 bits
of data; thus, one conversion takes a minimum of 25 clock
cycles to fully read the data. Since most microprocessors
communicate in 8-bit transfers, this means that an additional
transfer must be made to capture the LSB.
There are two ways of handling this requirement. One is
shown in Figure 3, where the beginning of the next control
byte appears at the same time the LSB is being clocked out
of the ADS8341. This method allows for maximum through-
put and 24 clock cycles per conversion.
The SGL/DIF bit controls the multiplexer input mode: either
single-ended (HIGH) or differential (LOW). In single-ended
mode, the selected input channel is referenced to the COM
pin. In differential mode, the two selected inputs provide a
differential input. See Tables I and II and Figure 2 for more
information. The last two bits (PD1 - PD0) select the power-
down mode, as shown in Table V. If both inputs are HIGH,
the device is always powered up. If both inputs are LOW, the
device enters a power-down mode between conversions.
When a new conversion is initiated, the device will resume
normal operation instantly—no delay is needed to allow the
device to power up and the very first conversion will be valid.
Clock Modes
The ADS8341 can be used with an external serial clock or
an internal clock to perform the successive-approximation
conversion. In both clock modes, the external clock shifts
data in and out of the device. Internal clock mode is selected
when PD1 is HIGH and PD0 is LOW.
If the user decides to switch from one clock mode to the
other, an extra conversion cycle will be required before the
ADS8341 can switch to the new mode. The extra cycle is
required because the PD0 and PD1 control bits need to be
written to the ADS8341 prior to the change in clock modes.
When power is first applied to the ADS8341, the user must
set the desired clock mode. It can be set by writing PD1
= 1 and PD0 = 0 for internal clock mode or PD1 = 1 and
PD1
PD0
Description
0
0
Power-down between conversions. When each
conversion is finished, the converter enters a low
power mode. At the start of the next conversion,
the device instantly powers up to full power. There
is no need for additional delays to assure full
operation and the very first conversion is valid.
1
0
Selects Internal Clock Mode
0
1
Reserved for Future Use
1
1
No power-down between conversions, device al-
ways powered. Selects external clock mode.
TABLE V. Power-Down Selection.
FIGURE 4. Detailed Timing Diagram.
PD0
t
BDV
t
DH
t
CH
t
CL
t
DS
t
CSS
t
DV
t
BD
t
BD
t
TR
t
BTR
t
D0
t
CSH
DCLK
CS
15
DOUT
BUSY
DIN
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com