Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CER0835B Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0835B
Description  Surface mount, silver (Ag) coated ceramic filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0835B Datasheet(HTML) 2 Page - CTS Corporation

  CER0835B Datasheet HTML 1Page - CTS Corporation CER0835B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0835B
5825 MHz BPF
Mechanical Drawing
Revision B – Origin Date: April 1, 2011 – Revision Date: July 11, 2011
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com – 4800 Alameda Blvd. NE, Albuquerque, NM 87113 -
Packaging and Marking
Electrical response
PCB Layout
Customer Feed Direction
DIMENISION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REELWEIGHT
kg
1.7
REEL QUANTITY
ea.
1000
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
0.945" / 24.0
.177"/4.50
0.336" / 9.3 0.132" / 3.35
0.315" /8.0
Product Marking
CTS
835
YWW
Dim Nominal (mm)
Tolerance (mm)
+/- or max
A
8.97
Max
B
3.43
Max
C
0.89
0.13
D
0.40
0.13
E
0.40
0.13
F
2.70
0.25
G
2.70
0.25
H
3.10
Max
I
0.89
0.13
J
0.96
Max
-80
-70
-60
-50
-40
-30
-20
-10
0
4600
4900
5200
5500
5800
6100
6400
6700
7000
-40
-30
-20
-10
0
10
20
30
40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com