Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF3710 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IRF3710
Description  isc N-Channel Mosfet Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF3710 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRF3710 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF3710 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc N-Channel Mosfet Transistor
IRF3710
·FEATURES
·Drain Current
–I
D=57A@ TC=25℃
·Drain Source Voltage-
: VDSS= 100V(Min)
·Static Drain-Source On-Resistance
: RDS(on) = 25mΩ(Max)
·DESCRITION
·Designed for high effciency switch mode power supplies,
Power factor correction and electronic lamp ballasts based
on half bridge.
·ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage-Continuous
±20
V
ID
Drain Current-Continuous
57
A
IDM
Drain Current-Single Plused
230
A
PD
Total Dissipation @TC=25℃
200
W
Tj
Max. Operating Junction Temperature
-55~175
℃
Tstg
Storage Temperature
-55~175
℃
·THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.75
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
62
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - IRF3710

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3710 IRF-IRF3710 Datasheet
94Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=23mohm, Id=57A)
logo
Nell Semiconductor Co.,...
IRF3710 NELLSEMI-IRF3710 Datasheet
346Kb / 7P
N-Channel Power MOSFET
logo
Kersemi Electronic Co.,...
IRF3710 KERSEMI-IRF3710 Datasheet
715Kb / 8P
Advanced Process Technology
logo
First Silicon Co., Ltd
IRF3710 FS-IRF3710 Datasheet
280Kb / 2P
N -Channel Power MOSFET (100V/59A)
logo
International Rectifier
IRF3710L IRF-IRF3710L Datasheet
184Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
More results

Similar Description - IRF3710

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com